Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P60A12D05P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P60A12D05P
Description  60W DC-DC Converter P60A-Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P60A12D05P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P60A12D05P Datasheet HTML 1Page - List of Unclassifed Manufacturers P60A12D05P Datasheet HTML 2Page - List of Unclassifed Manufacturers P60A12D05P Datasheet HTML 3Page - List of Unclassifed Manufacturers P60A12D05P Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
60W DC-DC Converter P60A-Series
Specifications
Input
Voltage range
9-18 VDC
18-36 VDC
36-72 VDC
Filter
Pi-type
Input reversed protection
Shunt diode built in,
external fuse recommended !
Output
Output Power
60 W max.
Voltage accuracy
(full load and nominal Vin)
±1%
Voltage adjustability
±10%
Ripple and noise
(at 20 MHz BW)
± 1% of Vout
Short circuit
Coninuous
Line voltage regulation
(Iout nom, Vin min… Vin max)
±1%
Load voltage regulation
(Iout min…Iout nom)
Single output model: ± 2%
Dual output model: ±2%
Triple output model: ±5%
Transient recovery time @
25% load, step changed
500 µs
Temperature coefficient
± 0.02% / °C, max
Minimum load
Single: and Dual: 0%
+5V of triple output 0%
±12V of triple output 20%
Derating
Page 2 of 4
General
Efficiency
See table
Switching frequency
80 kHz, typ.
Environmental
Operating temperature
ambient
-25°C to +95°C
(with derating, see diagram)
Operating temperature
case
+95 °C, max.
Storage temperature range
-25 °C to +100 °C
Cooling
Free air convection
MTBF according to
MIL-HDBK-217F, GF40
122,500 hrs
Physical
Dimensions “P” model
3.5 x 5.5 x 1.4 inches
88.9 x 139.7 x 35.6 mm
Dimensions “T” model
3.5 x 5.5 x 1.29 inches
88.9 x 139.7 x 32.9 mm
Weight
“P” Model 690 g
“T” Model 570 g
Case material
metal
Isolation
Rated voltage
1500 VDC, min
Resistance
10
9 Ω, min.
Remote control
Remote control on
Remote control off
Open or > + 5.5 VDC
Short or 0V … < + 1.8 VDC
referenced to – Input, pin 2
Shutdown idle current
10mA
Deutschland:
Schweiz:
Inselkammerstraße 10
Gründenstraße 82
D-82008 Unterhaching
CH-8247 Flurlingen
Tel.: 089 614 503-10
Tel.: 052 647 42 00
E-Mail: power@hy-line.de
E-Mail: power@hy-line.ch


Similar Part No. - P60A12D05P

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P60A2405S HY-LINE-P60A2405S Datasheet
853Kb / 4P
   60 W DC-DC Converter P60A-Series
Rev: 20180919 f
P60A2412S HY-LINE-P60A2412S Datasheet
853Kb / 4P
   60 W DC-DC Converter P60A-Series
Rev: 20180919 f
P60A2415S HY-LINE-P60A2415S Datasheet
853Kb / 4P
   60 W DC-DC Converter P60A-Series
Rev: 20180919 f
P60A243R3S HY-LINE-P60A243R3S Datasheet
853Kb / 4P
   60 W DC-DC Converter P60A-Series
Rev: 20180919 f
P60A4805S HY-LINE-P60A4805S Datasheet
853Kb / 4P
   60 W DC-DC Converter P60A-Series
Rev: 20180919 f
More results

Similar Description - P60A12D05P

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P60A243R3S HY-LINE-P60A243R3S Datasheet
853Kb / 4P
   60 W DC-DC Converter P60A-Series
Rev: 20180919 f
logo
List of Unclassifed Man...
HDD60 ETC1-HDD60 Datasheet
191Kb / 4P
   DC-DC CONVERTER 50~60W
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05_15 Datasheet
419Kb / 7P
   60W, AC/DC converter
logo
Delta Electronics, Inc.
S24SP05012 DELTA-S24SP05012 Datasheet
653Kb / 6P
   60W Single Output DC/DC Converter
S24SP12005PDFA DELTA-S24SP12005PDFA Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
logo
Mean Well Enterprises C...
RSD-60 MEANWELL-RSD-60 Datasheet
958Kb / 10P
   60W Reliable Railway DC-DC Converter
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05 Datasheet
615Kb / 5P
   60W,AC-DC CONVERTER
LHE60-20B05 MORNSUN-LHE60-20B05 Datasheet
1Mb / 6P
   60W, AC-DC converter
logo
Delta Electronics, Inc.
S24SP12005 DELTA-S24SP12005 Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
S24SP24003 DELTA-S24SP24003 Datasheet
632Kb / 5P
   60W Single Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com