Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1789-10 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1789-10
Description  Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1789-10 Datasheet(HTML) 1 Page - Linear Technology

  LT1789-10 Datasheet HTML 1Page - Linear Technology LT1789-10 Datasheet HTML 2Page - Linear Technology LT1789-10 Datasheet HTML 3Page - Linear Technology LT1789-10 Datasheet HTML 4Page - Linear Technology LT1789-10 Datasheet HTML 5Page - Linear Technology LT1789-10 Datasheet HTML 6Page - Linear Technology LT1789-10 Datasheet HTML 7Page - Linear Technology LT1789-10 Datasheet HTML 8Page - Linear Technology LT1789-10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LT1789-1/LT1789-10
1789f
FEATURES
APPLICATIO S
DESCRIPTIO
TYPICAL APPLICATIO
Micropower,
Single Supply Rail-to-Rail
Output Instrumentation Amplifiers
The LT
®1789-1/LT1789-10 are micropower, precision in-
strumentation amplifiers that are optimized for single supply
operation from 2.2V to 36V. The quiescent current is 95
µA
max, the inputs common mode to ground and the output
swings within 110mV of ground. The gain is set with a single
external resistor for a gain range of 1 to 1000 for the LT1789-
1 and 10 to 1000 for the LT1789-10.
The high accuracy of the LT1789-1 (40ppm maximum
nonlinearity and 0.25% max gain error) is unmatched by
othermicropowerinstrumentationamplifiers.TheLT1789-10
maximizes both the input common mode range and dynamic
output range when an amplification of 10 or greater is
required, allowing precise signal processing where other
instrumentation amplifiers fail to operate. The LT1789-1/
LT1789-10 are laser trimmed for very low input offset
voltage, low input offset voltage drift, high CMRR and high
PSRR. The output can handle capacitive loads up to 400pF
(LT1789-1), 1000pF (LT1789-10) in any gain configuration
while the inputs are ESD protected up to 10kV (human body).
The LT1789-1/LT1789-10 are offered in the 8-pin SO pack-
age, requiring significantly less PC board area than discrete
multi op amp and resistor designs.
s
Micropower: 95
µA Supply Current Max
s
Low Input Offset Voltage: 100
µV Max
s
Low Input Offset Voltage Drift: 0.5
µV/°C Max
s
Single Gain Set Resistor:
G = 1 to 1000 (LT1789-1)
G = 10 to 1000 (LT1789-10)
s
Inputs Common Mode to V
s
Wide Supply Range: 2.2V to 36V Total Supply
s
CMRR at G = 10: 96dB Min
s
Gain Error: G = 10, 0.25% Max
s
Gain Nonlinearity: G = 10, 40ppm Max
s
Input Bias Current: 40nA Max
s
PSRR at G = 10: 100dB Min
s
1kHz Voltage Noise: 48nV/
√Hz
s
0.1Hz to 10Hz Noise: 1.5
µVP-P
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Portable Instrumentation
s
Bridge Amplifiers
s
Strain Gauge Amplifiers
s
Thermocouple Amplifiers
s
Differential to Single-Ended Converters
s
Medical Instrumentation
0.5A to 4A Voltage Controlled Current Source
5
7
VS
4
* ENSURE ADEQUATE POWER
DISSIPATION CAPABILITY AT
HIGHER VOLTAGES,
CURRENTS AND DUTY CYCLES
ILOAD
RLOAD*
1789 TA01
RSENSE*
0.1
TIP127*
6
3
2
R4
10k
C2
3300pF
R3
100
C3
0.1
µF
2
1
3
8
C1
4700pF
VIN
7
R2
10k
6
VS
4
5
R1
90.9k
4
3
2
1
120
8k
VS
VS = 3.3V TO 32V
= 1A PER VOLT AS SHOWN
ILOAD =
RISE TIME
≈ 250µs, 10% TO 90%,
1A TO 2A OUTPUT STEP INTO 0.25
Ω LOAD
VIN
RSENSE • 10
LT1636
+
REF
LT1789-1


Similar Part No. - LT1789-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789-10 LINER-LT1789-10 Datasheet
332Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
More results

Similar Description - LT1789-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789-1 LINER-LT1789-1_1 Datasheet
332Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Renesas Technology Corp
EL8170 RENESAS-EL8170 Datasheet
985Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com