Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25702FX Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY25702FX
Description  Programmable High-Frequency Crystal Oscillator (XO)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25702FX Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY25702FX Datasheet HTML 1Page - Cypress Semiconductor CY25702FX Datasheet HTML 2Page - Cypress Semiconductor CY25702FX Datasheet HTML 3Page - Cypress Semiconductor CY25702FX Datasheet HTML 4Page - Cypress Semiconductor CY25702FX Datasheet HTML 5Page - Cypress Semiconductor CY25702FX Datasheet HTML 6Page - Cypress Semiconductor CY25702FX Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CY25702
Document #: 38-07721 Rev. **
Page 2 of 7
Functional Description
The CY25702 is a Crystal Oscillator (XO).
The device uses a Cypress proprietary PLL to synthesize the
frequency of the embedded input crystal.
The CY25702 uses a programmable configuration memory
array to synthesize output frequency.
The frequency CLK output can be programmed from 10–125
MHz.
The CY25702 is available in a 4-pin plastic SMD packages
with operating temperature range of –20 to 70°C.
Programming Description
Field/Factory-Programmable CY25702
Field/Factory programming is available for samples and
manufacturing by Cypress and its distributors. All requests
must be submitted to the local Cypress Field Application
Engineer (FAE) or sales representative. Once the request has
been processed, you will receive a new part number, samples,
and data sheet with the programmed values. This part number
will be used for additional sample requests and production
orders.
Additional information on the CY25702 can be obtained from
the Cypress web site at www.cypress.com.
Output Frequency, CLK Output (CLK, pin 3)
The frequency at the CLK output is produced by synthesizing
the embedded crystal oscillator frequency input. The range of
synthesized clock is from 1–125MHz when VDD= 5V and
1–90MHz when VDD = 3.3V.
Output Enable or Power Down (OE/PD#, pin 1)
Pin 1 can be programmed as either output enable (OE) or
Power Down (PD#).
Absolute Maximum Rating
Supply Voltage (VDD).....................................–0.5V to +7.0V
DC Input Voltage ................................... –0.5V to VDD + 0.5V
Storage Temperature (Non-condensing) .... –55°C to +100°C
Junction Temperature ................................ –40°C to +125°C
Data Retention @ Tj = 125
°C................................> 10 years
Package Power Dissipation...................................... 350 mW
Pin Definition
Pin
Name
Description
1OE/PD#
Output Enable pin: Active HIGH. If OE = 1, CLK is enabled.
Power Down pin: Active LOW. If PD# = 0, Power Down is enabled.
2
VSS
Power supply ground.
3CLK
Clock output.
4VDD
3.3V or 5.0V power supply.
Table 1. Programming Data Requirement
Pin Function
Output Frequency
Output Enable/Power Down
Power Supply
Pin Name
CLK
OE/PD#
VDD
Pin#
3
1
4
Units
MHz
N/A
V
Program Value
ENTER DATA
ENTER DATA
ENTER DATA
Operating Conditions
Parameter
Description
Min.
Typ.
Max.
Unit
VDD1
Supply Voltage Range
3.00
3.30
3.60
V
VDD2
Supply Voltage Range
4.50
5.00
5.50
V
TA
Ambient Temperature
–20
70
°C
CLOAD
Max. Load Capacitance @ pin 3
15
pF
FCLK1
CLK output frequency, CLOAD = 15 pF, VDD = 5.0V
1.0
125
MHz
FCLK2
CLK output frequency, CLOAD = 15 pF, , VDD = 3.3V
1.0
90
MHz
TPU
Power-up time for VDD to reach minimum specified
voltage (power ramp must be monotonic)
0.05
500
ms
DC Electrical Characteristics
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
VOH1
High Output Voltage
VDD = 5.0V, IOH = –16mA
VDD-0.4
V
VOL1
Low Output Voltage
VDD= 5.0V , IOL= 16mA
0.4
V


Similar Part No. - CY25702FX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25702FLXCT CYPRESS-CY25702FLXCT Datasheet
214Kb / 6P
   Programmable High-Frequency Crystal Oscillator (XO)
CY25702FLXCT CYPRESS-CY25702FLXCT Datasheet
220Kb / 6P
   Programmable High-Frequency Crystal Oscillator
CY25702FLXIT CYPRESS-CY25702FLXIT Datasheet
214Kb / 6P
   Programmable High-Frequency Crystal Oscillator (XO)
CY25702FLXIT CYPRESS-CY25702FLXIT Datasheet
220Kb / 6P
   Programmable High-Frequency Crystal Oscillator
More results

Similar Description - CY25702FX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25702 CYPRESS-CY25702_06 Datasheet
214Kb / 6P
   Programmable High-Frequency Crystal Oscillator (XO)
CY25702 CYPRESS-CY25702_09 Datasheet
220Kb / 6P
   Programmable High-Frequency Crystal Oscillator
logo
Epson Company
SG-8002JA EPSON-SG-8002JA Datasheet
33Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
SG-8002CA ETC1-SG-8002CA Datasheet
24Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Epson Company
SG-8002DB EPSON-SG-8002DB Datasheet
86Kb / 2P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
SG8002DC EPSON-SG8002DC Datasheet
151Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
SG8002CE ETC-SG8002CE Datasheet
104Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
SG8002JC ETC-SG8002JC Datasheet
19Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Epson Company
HG-8002JA EPSON-HG-8002JA Datasheet
66Kb / 1P
   PROGRAMMABLE HIGH-STABILITY HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Renesas Technology Corp
IDT8N4S271 RENESAS-IDT8N4S271 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com