Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT070DICFWD-NDA-2 Datasheet(PDF) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT070DICFWD-NDA-2
Description  LCD Module User Manual
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT070DICFWD-NDA-2 Datasheet(HTML) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT070DICFWD-NDA-2 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DICFWD-NDA-2 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DICFWD-NDA-2 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DICFWD-NDA-2 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DICFWD-NDA-2 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DICFWD-NDA-2 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DICFWD-NDA-2 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DICFWD-NDA-2 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DICFWD-NDA-2 Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TOPWAY
LCD Module User Manual
LMT070DICFWD-NDA-2
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT070DICFWD-NDA-2-Manual-Rev0.4.DOC
Page: 6 of 11
Cautions:
Exceeding the recommended driving current could cause substantial damage to the backlight and shorten its lifetime.
Note:
*1: BL_EN=Hi, BL_ADJ=Hi;
*2: Recommended BL_ADJ PWM Freq. is 3kHz
*3: Terminal circuit(Fig.1) :
Fig.1 Terminal circuit
5.3
Touch panel Characteristics
Items
MIN.
TYP.
MAX.
Unit
Note
Operating Voltage
-
5.0
-
V
Note1
Operating Force
100
-
160
g
Note1
Life Time
-
1,000,000
-
times
Note1
X Resistance
100
-
400
-
Y Resistance
450
-
950
High temperature and humidity
-
-
60 ×
90%RH/240 Hours
-
Note2
Note1: Exceeding the recommended Condition could cause substantial damage to the touch panel and
shorten its lifetime.
Note2: Before cosmetic and function test, the product must have enough recovery time,
at least 24 hours at room temperature.
Touch Panel Logic Details
5.4
Power On/Off Sequence
Items
Symbol
MIN.
TYP.
Max.
Unit
Note
VDD 3.0V to signal starting
Tp1
0
-
50
ms
Signal starting to backlight on
Tp2
150
-
-
ms
Signal off to VDD 3.0V
Tp3
0
-
50
ms
Backlight off to signal off
Tp4
150
-
-
ms
Interface Power On/Off Sequence
YL
YR
XD
XU


Similar Part No. - LMT070DICFWD-NDA-2

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT070DICFWD-NDA TOPWAY-LMT070DICFWD-NDA Datasheet
1Mb / 10P
   LCD Module User Manual
More results

Similar Description - LMT070DICFWD-NDA-2

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NAA TOPWAY-LMT070DICFWD-NAA Datasheet
740Kb / 11P
   LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
   LCD Module User Manual
LMT043DNFFWD-NCN TOPWAY-LMT043DNFFWD-NCN Datasheet
886Kb / 12P
   LCD Module User Manual
LMT070DDCFWD-4 TOPWAY-LMT070DDCFWD-4 Datasheet
1,004Kb / 11P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com