Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2702533 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 2702533
Description  Router - TC ROUTER 3002T-4G ATT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702533 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2702533 Datasheet HTML 1Page - PHOENIX CONTACT 2702533 Datasheet HTML 2Page - PHOENIX CONTACT 2702533 Datasheet HTML 3Page - PHOENIX CONTACT 2702533 Datasheet HTML 4Page - PHOENIX CONTACT 2702533 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2702533
08/26/2019   Page 1 / 5
Router - TC ROUTER 3002T-4G ATT - 2702533
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Industrial LTE 4G router, version for AT&T (US), fallback to 3G UMTS/HSPA, 2 Ethernet interfaces, firewall,
NAT, IPsec and OpenVPN support, 2x SMA-F antenna socket, SMS and e-mail transmission, 2 digital inputs,
1 digital output
Your advantages
 Industrial 4G mobile router (LTE)
 Fallback to 3G (UMTS/HSPA)
 Mobile high-speed Internet connection up to 150 Mbps
 Networking of Ethernet end devices via the mobile network
 Ethernet SMS gateway for easy alerting
 Two switching inputs and one switching output
 Stateful inspection firewall for dynamic filtering
 NAT table and port forwarding for direct remote access to an end device
 Configuration via web-based management or microSD card
 Two local Ethernet connections
 Switchable energy-saving mode
 Integrated logbook
 Connection monitoring
 Extended temperature range, -40 °C ... +70 °C
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626212876
Technical data
Dimensions
Width
45 mm
Height
130 mm
Depth
126 mm


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn