Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2702533 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part No. 2702533
Description  Router - TC ROUTER 3002T-4G ATT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702533 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2702533 Datasheet HTML 1Page - PHOENIX CONTACT 2702533 Datasheet HTML 2Page - PHOENIX CONTACT 2702533 Datasheet HTML 3Page - PHOENIX CONTACT 2702533 Datasheet HTML 4Page - PHOENIX CONTACT 2702533 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2702533
08/26/2019   Page 4 / 5
Router - TC ROUTER 3002T-4G ATT - 2702533
Technical data
Standards and Regulations
Comments
Criterion B
Standards/regulations
EN 61000-4-5
Signal
± 1 kV (Data line, asymmetrical)
Standards/regulations
EN 61000-4-6
Frequency range
0.15 MHz ... 80 MHz
UL, USA/Canada
Class I, Zone 2, AEx nA IIC T4 / Ex nA IIC T4 Gc
Class I, Div. 2, Groups A, B, C, D T4
Noxious gas test
ISA-S71.04-1985 G3 Harsh Group A
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Approvals
Approvals
Approvals
UL Listed / cUL Listed / cULus Listed
Ex Approvals
UL Listed / cUL Listed / cULus Listed
Approval details
UL Listed 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm
 FILE E 238705
cUL Listed 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE238705
cULus Listed 
 
 


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn