Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2702484 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 2702484
Description  LED machine light - PLD M 260 W-75/95 370/D70
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702484 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2702484 Datasheet HTML 1Page - PHOENIX CONTACT 2702484 Datasheet HTML 2Page - PHOENIX CONTACT 2702484 Datasheet HTML 3Page - PHOENIX CONTACT 2702484 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2702484
08/26/2019   Page 2 / 4
LED machine light - PLD M 260 W-75/95 370/D70 - 2702484
Technical data
Dimensions
Height
58 mm
Length
370 mm
Note on dimensions
Length without M12 flush-type connector
Ambient conditions
Ambient temperature (operation)
0 °C ... 45 °C
Ambient temperature (storage/transport)
-20 °C ... 75 °C
Permissible humidity (operation)
95 %
Permissible humidity (storage/transport)
95 % (non-condensing)
Air pressure (operation)
69 kPa ... 102 kPa
Air pressure (storage/transport)
69 kPa ... 102 kPa
Degree of protection
IP67
General
Note
The PLD M-ME MC/D70 mounting holder (Order No. 2702493) or the
PLD M-ME MB/D70 mounting bracket (Order No. 2702494) is required
in order to mount the light.
Net weight
1200 g
Mounting type
Screw mounting
Assembly instructions
Mounting with mounting holders or mounting brackets, please observe
the notes in the package slip.
Power supply for module electronics
Connection technology
M12 connector
Connection method
M12 connector, (A-coded)
Number of positions
4
Permissible conductor cross section
min. 0.34 mm²
Supply voltage
24 V DC
Supply voltage range
18 V DC ... 30 V DC
Current consumption
typ. 0.5 A (at 24 V DC)
Power consumption
approx. 12 W (at 24 V DC)
Type of protection
Surge protection
Reverse polarity protection
Connection data
Connection method
M12 connector, (A-coded)
Light properties
Source of light type
LED
Number of LEDs
24
Service life, lighting appliance
60000 h (L70)
Light color
Neutral white
Color temperature / wavelength
5000 K ±8 %
Color rendering index
85


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn