Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2702484 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 2702484
Description  LED machine light - PLD M 260 W-75/95 370/D70
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702484 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2702484 Datasheet HTML 1Page - PHOENIX CONTACT 2702484 Datasheet HTML 2Page - PHOENIX CONTACT 2702484 Datasheet HTML 3Page - PHOENIX CONTACT 2702484 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2702484
08/26/2019   Page 1 / 4
LED machine light - PLD M 260 W-75/95 370/D70 - 2702484
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
LED machine light, 24 V DC, emission angle 75 °/95 °, color temperature 5000 K, length 370 mm, diameter
70 mm, M12 connector, Light housing: Anodized aluminum, Pane: Single-pane safety glass (ESG, thermally
toughened float glass), pivoting, resistant to coolants and lubricants
Product Description
This LED machine light is designed to provide illumination inside or on machinery.
You can use the light in harsh environments.
This is possible thanks to:
- The high degree of protection
- Resistance to common cooling agents and lubricants
- Resistance to vibrations and shock
- The 4 mm thick safety glass
The 70 mm diameter enables easy replacement of traditional tube lights.
Mounting is by means of holders or brackets (neither of which are supplied as standard) in which the light can swivel and the lighting can therefore
be optimally aligned.
Your advantages
 Easy mechanical replacement of traditional tube lights (retrofit), thanks to 70 mm diameter
 Plug-in supply line enables free choice of the cable length as well as quick and easy installation
 Focused illumination, thanks to swivel action
 IP67 protection and resistance to cooling agents and lubricants enables use in machine tools
 Can be used at high temperatures and can be subjected to strong vibrations and shocks
 Safety glass enables use even in environments with potential mechanical strain
 ETL approval permits use on the North American market
 Particularly economical thanks to energy-efficient LED technology and an LED service life of at least 60,000 h
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626213897
Technical data
Dimensions
Width
70 mm


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn