Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSDH321L Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSDH321L
Description  Green Mode Fairchild Power Switch (FPS TM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSDH321L Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSDH321L Datasheet HTML 1Page - Fairchild Semiconductor FSDH321L Datasheet HTML 2Page - Fairchild Semiconductor FSDH321L Datasheet HTML 3Page - Fairchild Semiconductor FSDH321L Datasheet HTML 4Page - Fairchild Semiconductor FSDH321L Datasheet HTML 5Page - Fairchild Semiconductor FSDH321L Datasheet HTML 6Page - Fairchild Semiconductor FSDH321L Datasheet HTML 7Page - Fairchild Semiconductor FSDH321L Datasheet HTML 8Page - Fairchild Semiconductor FSDH321L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
FSDH321, FSDL321
3
Pin Definitions
Pin Configuration
Figure 3. Pin Configuration (Top View)
Pin Number
Pin Name
Pin Function Description
1
GND
Sense FET source terminal on primary side and internal control ground.
2Vcc
Positive supply voltage input. Although connected to an auxiliary transform-
er winding, current is supplied from pin 5 (Vstr) via an internal switch during
startup (see Internal Block Diagram section). It is not until Vcc reaches the
UVLO upper threshold (12V) that the internal start-up switch opens and de-
vice power is supplied via the auxiliary transformer winding.
3Vfb
The feedback voltage pin is the non-inverting input to the PWM comparator.
It has a 0.9mA current source connected internally while a capacitor and op-
tocoupler are typically connected externally. A feedback voltage of 6V trig-
gers over load protection (OLP). There is a time delay while charging
external capacitor Cfb from 3V to 6V using an internal 5uA current source.
This time delay prevents false triggering under transient conditions, but still
allows the protection mechanism to operate under true overload conditions.
4Ipk
This pin adjusts the peak current limit of the Sense FET. The feedback
0.9mA current source is diverted to the parallel combination of an internal
2.8k
Ω resistor and any external resistor to GND on this pin to determine the
peak current limit. If this pin is tied to Vcc or left floating, the typical peak cur-
rent limit will be 0.7A.
5Vstr
This pin connects directly to the rectified AC line voltage source. At start up
the internal switch supplies internal bias and charges an external storage
capacitor placed between the Vcc pin and ground. Once the Vcc reaches
12V, the internal switch is opened.
6, 7, 8
Drain
The drain pins are designed to connect directly to the primary lead of the
transformer and are capable of switching a maximum of 650V. Minimizing
the length of the trace connecting these pins to the transformer will decrease
leakage inductance.
1
2
3
45
6
7
8
GND
Vcc
Vfb
Ipk
Vstr
Drain
Drain
Drain
8DIP
8LSOP


Similar Part No. - FSDH321L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDH321L FAIRCHILD-FSDH321L Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH321L FAIRCHILD-FSDH321L Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH321L FAIRCHILD-FSDH321L Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSDH321L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM311 FAIRCHILD-FSDM311_06 Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS TM)
FSCQ0565RT FAIRCHILD-FSCQ0565RT Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS TM)
FSQ211 FAIRCHILD-FSQ211 Datasheet
803Kb / 13P
   Green Mode Fairchild Power Switch (FPS TM)
FS7M0880 FAIRCHILD-FS7M0880 Datasheet
1Mb / 18P
   Fairchild Power Switch(FPS TM)
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com