Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2702481 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. 2702481
Description  LED machine light - PLD M 260 W-85/95 365/D40
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702481 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2702481 Datasheet HTML 1Page - PHOENIX CONTACT 2702481 Datasheet HTML 2Page - PHOENIX CONTACT 2702481 Datasheet HTML 3Page - PHOENIX CONTACT 2702481 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2702481
08/26/2019   Page 3 / 4
LED machine light - PLD M 260 W-85/95 365/D40 - 2702481
Technical data
Light properties
Luminous flux
approx. 1080 lm (Net luminous flux)
Illumination
max. 477 lx (Distance of 1 m)
Average illumination
348 lx (Distance of 1 m over 1 m² area)
Emission angle
85 ° (C0-C180)
Standards and Regulations
Mechanical tests
Vibration resistance in acc. with EN 60068-2-6/IEC 60068-2-6 4g
Shock in acc. with EN 60068-2-27/IEC 60068-2-27 50g
Protection class
III, IEC 61140, EN 61140, VDE 0140-1
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Approvals
Approvals
Approvals
ETLus / cETL / cETLus
Ex Approvals
Approval details
ETLus 
 http://www.intertek.com
 LV-Lighting-Systems
cETL 
 http://www.intertek.com
 Luminaires
cETLus 
 
 


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn