Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2702478 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 2702478
Description  LED machine light - PLD M 160 W-95/105 896
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702478 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2702478 Datasheet HTML 1Page - PHOENIX CONTACT 2702478 Datasheet HTML 2Page - PHOENIX CONTACT 2702478 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/2702478
08/26/2019   Page 2 / 3
LED machine light - PLD M 160 W-95/105 896 - 2702478
Technical data
Ambient conditions
Permissible humidity (operation)
95 %
Permissible humidity (storage/transport)
95 % (non-condensing)
Air pressure (operation)
69 kPa ... 102 kPa
Air pressure (storage/transport)
69 kPa ... 102 kPa
Degree of protection
IP67
General
Net weight
800 g
Mounting type
Screw mounting
Power supply for module electronics
Connection method
open cable end
Cable length
approx. 3 m
Supply voltage
24 V DC
Supply voltage range
22 V DC ... 26 V DC
Current consumption
typ. 0.875 A (at 24 V DC)
Power consumption
approx. 21 W (at 24 V DC)
Type of protection
Surge protection
Reverse polarity protection
Light properties
Source of light type
LED
Number of LEDs
36
Service life, lighting appliance
50,000 h (L70)
Light color
daylight white
Color temperature / wavelength
6200 K ±10 %
Color rendering index
75
Luminous flux
approx. 900 lm (Net luminous flux)
Illumination
max. 833 lx (50 cm distance)
Average illumination
449 lx (Distance of 50 cm over 1 m2 area)
Emission angle
95 ° (C0-C180)
Standards and Regulations
Protection class
III, IEC 61140, EN 61140, VDE 0140-1
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Approvals
Approvals


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn