Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSDM0265RN Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSDM0265RN
Description  Green Mode Fairchild Power Switch (FPS TM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSDM0265RN Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSDM0265RN Datasheet HTML 5Page - Fairchild Semiconductor FSDM0265RN Datasheet HTML 6Page - Fairchild Semiconductor FSDM0265RN Datasheet HTML 7Page - Fairchild Semiconductor FSDM0265RN Datasheet HTML 8Page - Fairchild Semiconductor FSDM0265RN Datasheet HTML 9Page - Fairchild Semiconductor FSDM0265RN Datasheet HTML 10Page - Fairchild Semiconductor FSDM0265RN Datasheet HTML 11Page - Fairchild Semiconductor FSDM0265RN Datasheet HTML 12Page - Fairchild Semiconductor FSDM0265RN Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
FSDH321, FSDL321
9
Functional Description
1. Startup : In previous generations of Fairchild Power
Switches (FPSTM) the Vstr pin had an external resistor to the
DC input voltage line. In this generation the startup resistor
is replaced by an internal high voltage current source and a
switch that shuts off when 15ms goes by after the supply
voltage, Vcc, gets above 12V. The source turns back on if
Vcc drops below 8V.
Figure 4. High Voltage Current Source
2. Feedback Control : The FSDx321 employs current mode
control, as shown in Figure 5. An opto-coupler (such as the
H11A817A) and shunt regulator (such as the KA431) are
typically used to implement the feedback network. Compar-
ing the feedback voltage with the voltage across the Rsense
resistor plus an offset voltage makes it possible to control the
switching duty cycle. When the KA431 reference pin volt-
age exceeds the internal reference voltage of 2.5V, the opto-
coupler LED current increases, the feedback voltage Vfb is
pulled down and it reduces the duty cycle. This event typi-
cally happens when the input voltage is increased or the out-
put load is decreased.
Figure 5. Pulse Width Modulation (PWM) Circuit
3. Leading Edge Blanking (LEB) : At the instant the inter-
nal Sense FET is turned on, the primary side capacitance and
secondary side rectifier diode reverse recovery typically
cause a high current spike through the Sense FET. Excessive
voltage across the Rsense resistor leads to incorrect feedback
operation in the current mode PWM control. To counter this
effect, the FPS employs a leading edge blanking (LEB) cir-
cuit. This circuit inhibits the PWM comparator for a short
time (tLEB) after the Sense FET is turned on.
4. Protection Circuits : The FPS has several protective
functions such as over load protection (OLP), over voltage
protection (OVP), abnormal over current protection
(AOCP), under voltage lock out (UVLO) and thermal shut-
down (TSD). Because these protection circuits are fully inte-
grated inside the IC without external components, the
reliability is improved without increasing cost. Once a fault
condition occurs, switching is terminated and the Sense FET
remains off. This causes Vcc to fall. When Vcc reaches the
UVLO stop voltage VSTOP (8V), the protection is reset and
the internal high voltage current source charges the Vcc
capacitor via the Vstr pin. When Vcc reaches the UVLO
start voltage VSTART (12V), the FPS resumes its normal
operation. In this manner, the auto-restart can alternately
enable and disable the switching of the power Sense FET
until the fault condition is eliminated.
4.1 Over Load Protection (OLP) : Overload is defined as
the load current exceeding a pre-set level due to an unex-
pected event. In this situation, the protection circuit should
be activated in order to protect the SMPS. However, even
when the SMPS is operating normally, the over load protec-
tion (OLP) circuit can be activated during the load transition.
In order to avoid this undesired operation, the OLP circuit is
designed to be activated after a specified time to determine
whether it is a transient situation or an overload situation. In
conjunction with the Ipk current limit pin (if used) the cur-
rent mode feedback path would limit the current in the Sense
FET when the maximum PWM duty cycle is attained. If the
output consumes more than this maximum power, the output
voltage (Vo) decreases below its rating voltage. This reduces
the current through the opto-coupler LED, which also
reduces the opto-coupler transistor current, thus increasing
the feedback voltage (VFB). If VFB exceeds 3V, the feed-
back input diode is blocked and the 5uA current source (IDE-
LAY) starts to charge Cfb slowly up to Vcc. In this condition,
VFB increases until it reaches 6V, when the switching opera-
tion is terminated as shown in Figure 6. The shutdown delay
time is the time required to charge Cfb from 3V to 6V with
5uA current source.
Vin,dc
Vstr
Vcc
15ms after
Vcc≥12V
UVLO off
Vcc<8V
UVLO on
I
STR
J-FET
I
CH
3
OSC
Vcc
Vcc
5uA
0.9mA
V
SD
R
2.5R
Gate
driver
OLP
D1
D2
V
FB
Vfb
431
C
FB
Vo
+
-
V
FB,in


Similar Part No. - FSDM0265RN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RN FAIRCHILD-FSDM0265RN Datasheet
479Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0265RN FAIRCHILD-FSDM0265RN Datasheet
935Kb / 22P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0265RN FAIRCHILD-FSDM0265RN Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0265RN FAIRCHILD-FSDM0265RN Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0265RN FAIRCHILD-FSDM0265RN Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSDM0265RN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM311 FAIRCHILD-FSDM311_06 Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS TM)
FSCQ0565RT FAIRCHILD-FSCQ0565RT Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS TM)
FSQ211 FAIRCHILD-FSQ211 Datasheet
803Kb / 13P
   Green Mode Fairchild Power Switch (FPS TM)
FS7M0880 FAIRCHILD-FS7M0880 Datasheet
1Mb / 18P
   Fairchild Power Switch(FPS TM)
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com