Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10124 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10124
Description  Quad TTL to MECL Translator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10124 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10124 Datasheet HTML 1Page - ON Semiconductor MC10124 Datasheet HTML 2Page - ON Semiconductor MC10124 Datasheet HTML 3Page - ON Semiconductor MC10124 Datasheet HTML 4Page - ON Semiconductor MC10124 Datasheet HTML 5Page - ON Semiconductor MC10124 Datasheet HTML 6Page - ON Semiconductor MC10124 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC10124
3–83
MOTOROLA
MECL Data
DL122 — Rev 6
ELECTRICAL CHARACTERISTICS
Pi
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Negative Power Supply Drain
Current
IE
8
72
66
72
mAdc
Positive Power Supply Drain
C
ICCH
9
16
16
18
mAdc
pp y
Current
ICCL
9
25
25
25
mAdc
Reverse Current
IR
6
7
200
50
200
50
200
50
µAdc
Forward Current
IF
6
7
–12.8
–3.2
–12.8
–3.2
–12.8
–3.2
mAdc
Input Breakdown Voltage
BVin
6
7
5.5
5.5
5.5
5.5
5.5
5.5
Vdc
Clamp Input Voltage
VI
6
7
–1.5
–1.5
–1.5
–1.5
–1.5
–1.5
Vdc
High Output Voltage
VOH
1
3
–1.060
–1.060
–0.890
–0.890
–0.960
–0.960
–0.810
–0.810
–0.890
–0.890
–0.700
–0.700
Vdc
Low Output Voltage
VOL
1
3
–1.890
–1.890
–1.675
–1.675
–1.850
–1.850
–1.650
–1.650
–1.825
–1.825
–1.615
–1.615
Vdc
High Threshold Voltage
VOHA
1
3
–1.080
–1.080
–0.980
–0.980
–0.910
–0.910
Vdc
Low Threshold Voltage
VOLA
1
3
–1.655
–1.655
–1.630
–1.630
–1.595
–1.595
Vdc
Switching Times
(50
Ω Load)
ns
Propagation Delay
(+3.5Vdc to 50%)1
t6+1+
t6–1–
t7+1+
t7–1–
t7+3–
t7–3+
1
1
1
1
3
3
1.5
1.0
1.5
1.0
1.5
1.0
6.8
6.0
6.8
6.0
6.8
6.0
1.0
1.0
1.0
1.0
1.0
1.0
3.5
3.5
3.5
3.5
3.5
3.5
6.0
6.0
6.0
6.0
6.0
6.0
1.0
1.5
1.0
1.5
1.0
1.5
6.0
6.8
6.0
6.8
6.0
6.8
Rise Time
(20 to 80%)
t1+
1
1.0
4.2
1.1
2.5
3.9
1.1
4.3
Fall Time
(20 to 80%)
t1–
1
1.0
4.2
1.1
2.5
3.9
1.1
4.3
1. See switching time test circuit. Propagation delay for this circuit is specified from +1.5Vdc in to the 50% point on the output waveform. The
+3.5Vdc is shown here because all logic and supply levels are shifted 2 volts positive.


Similar Part No. - MC10124

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10124 ONSEMI-MC10124 Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10124FN ONSEMI-MC10124FN Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10124L ONSEMI-MC10124L Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10124P ONSEMI-MC10124P Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10124 ONSEMI-MC10124_02 Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
More results

Similar Description - MC10124

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10524 MOTOROLA-MC10524 Datasheet
656Kb / 10P
   Quad TTL-to-MECL Translator
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125 Datasheet
78Kb / 8P
   Quad MECL-to-TTL Translator
May, 2003 - Rev. 11
MC10125 ONSEMI-MC10125 Datasheet
118Kb / 8P
   Quad MECL to TTL Translator
January, 2002 ??Rev. 7
logo
Motorola, Inc
MC10525 MOTOROLA-MC10525 Datasheet
872Kb / 12P
   Quad MECL-to-TTL Translator
logo
ON Semiconductor
MC10124 ONSEMI-MC10124_02 Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10H124 ONSEMI-MC10H124 Datasheet
79Kb / 6P
   Quad TTL-to-MECL Translator With TTL Strobe Input
September, 2004 ??Rev. 8
logo
Motorola, Inc
MC10125 MOTOROLA-MC10125 Datasheet
127Kb / 7P
   Quad MECL to TTL Transistor
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125_06 Datasheet
156Kb / 8P
   Quad MECL?뭪o?뭈TL Translator
February, 2006 ??Rev. 12
MC10H125 ONSEMI-MC10H125_16 Datasheet
149Kb / 6P
   Quad MECL?릘o?륳TL Translator
August, 2016 ??Rev. 14
logo
NXP Semiconductors
10129 PHILIPS-10129 Datasheet
412Kb / 9P
   Quad TTL-to-ECL Translator
June 14 1990
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com