Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSUSB23 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. FSUSB23
Description  Low Power Hi-Speed USB 2.0 (480Mbps) Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB23 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSUSB23 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB23 Datasheet HTML 2Page - Fairchild Semiconductor FSUSB23 Datasheet HTML 3Page - Fairchild Semiconductor FSUSB23 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB23 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB23 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB23 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB23 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB23 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
www.fairchildsemi.com
Test Diagrams
FIGURE 1. On Resistance
Note: Each switch port is tested separately.
FIGURE 2. OFF Leakage
Note: RL, RS, and CL are functions of application environment
(See AC Electrical table for specific values).
Note: CL includes test fixture and stray capacitance.
FIGURE 3. AC Test Circuit Load
FIGURE 4. Switch Propagation Delay Waveforms
FIGURE 5. Turn ON/ Turn OFF Waveform


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FSUSB30 Low Power 2-Port Hi-Speed USB 2.0 480Mbps Switch 1  2  3  4  5  More Fairchild Semiconductor
FSUSB31 Low Power Dual SPST Hi-Speed USB 2.0 480Mbps Switch 1  2  3  4  5  More Fairchild Semiconductor
FSUSB20 Low Voltage Ultra Low Power USB High Speed 480 Mbps Dual DPDT Switch 1  2  3  4  5  More Fairchild Semiconductor
FSUSB22 Low Voltage Ultra Low Power USB High Speed 480 Mbps Dual DPDT Switch 1  2  3  4  5  More Fairchild Semiconductor
FSUSB11 Low Power High Bandwidth USB Switch Dual SPDT Multiplexer/Demultiplexer 1  2  3  4  5  More Fairchild Semiconductor
GM2526 DUAL USB POWER SWITCH 1  2  3  4  5  More List of Unclassifed Manufacturers
L9377 DUAL INTELLIGENT POWER LOW SIDE SWITCH 1  2  3  4  5  More STMicroelectronics
AAT4626 USB Dual-Channel Power Switch 1  2  3  4  5  More Advanced Analogic Technologies
74FST3384 10-Bit Low Power Bus Switch 1  2  3  4  5  More ON Semiconductor
L9386MD DUAL INTELLIGENT POWER LOW SIDE SWITCH 1  2  3  4  5  More STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn