Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX26F011A Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # NX26F011A
Description  1M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 2-PIN NXS INTERFACE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NX26F011A Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button NX26F011A Datasheet HTML 5Page - List of Unclassifed Manufacturers NX26F011A Datasheet HTML 6Page - List of Unclassifed Manufacturers NX26F011A Datasheet HTML 7Page - List of Unclassifed Manufacturers NX26F011A Datasheet HTML 8Page - List of Unclassifed Manufacturers NX26F011A Datasheet HTML 9Page - List of Unclassifed Manufacturers NX26F011A Datasheet HTML 10Page - List of Unclassifed Manufacturers NX26F011A Datasheet HTML 11Page - List of Unclassifed Manufacturers NX26F011A Datasheet HTML 12Page - List of Unclassifed Manufacturers NX26F011A Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
NexFlash Technologies, Inc.
9
PRELIMINARY NXSF009A-0599
05/05/99 ©
NX26F011A
NX26F041A
Device leaves standby mode at this edge
Device enters standby mode after
tWP
Write
Command
12-Bit Sector Address
Device
Address
0H
Four reserved bytes (use 00 00 00 00H)
MSB
LSB
Byte 1
Byte 0
Bytes 2 to 261
8 Clocks
2080 Clocks
8 Clocks
8 Clocks
16 Extra Clocks
8 Clocks
Byte 263
Byte 262
tRESET
Don't Care
tWP
SCK
SIO
SCK
SIO
SCK
SIO
SCK
SIO
00
10
A11 A10 A9
A8
A7
A6
A5
A4
A3
A2
A1
A0 DA3 DA2 DA1 DA0
00
0
0
Figure 10. Erase/Write Instruction Sequence Clocking


Similar Part No. - NX26F011A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
NX2601CMTR MICROSEMI-NX2601CMTR Datasheet
1,010Kb / 25P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
logo
Pericom Semiconductor C...
NX26SA PERICOM-NX26SA Datasheet
1Mb / 2P
   2.5V/3.3V CML FS XO
NX26SB PERICOM-NX26SB Datasheet
1Mb / 2P
   2.5V/3.3V CML FS XO
More results

Similar Description - NX26F011A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX25F011B ETC1-NX25F011B Datasheet
544Kb / 37P
   1M-BIT, 2M-BIT, AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE
NX25P40 ETC-NX25P40 Datasheet
533Kb / 28P
   1M BIT 2M BIT AND 4M BIT SERIAL FLASH MEMORY WITH 10MHZ SPI
logo
Winbond
W25P10 WINBOND-W25P10 Datasheet
1Mb / 35P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 40MHZ SPI
W25X10 WINBOND-W25X10_08 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_07 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
OKI electronic componet...
MSM9893L OKI-MSM9893L Datasheet
146Kb / 9P
   4M-bit Serial Voice Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com