Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBF110 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MBF110
Description  Solid-State Fingerprint Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBF110 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MBF110 Datasheet HTML 2Page - Fujitsu Component Limited. MBF110 Datasheet HTML 3Page - Fujitsu Component Limited. MBF110 Datasheet HTML 4Page - Fujitsu Component Limited. MBF110 Datasheet HTML 5Page - Fujitsu Component Limited. MBF110 Datasheet HTML 6Page - Fujitsu Component Limited. MBF110 Datasheet HTML 7Page - Fujitsu Component Limited. MBF110 Datasheet HTML 8Page - Fujitsu Component Limited. MBF110 Datasheet HTML 9Page - Fujitsu Component Limited. MBF110 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Pr
eliminar
y
Solid-State Fingerprint Sensor
2
Fujitsu Microelectronics, Inc.
After the row capture is completed, the High-Order ColumnAddress
Register (CAH) and Low-Order ColumnAddress Register (CAL)
must be programmed to select an element within the captured row to
be digitized. Writing to CAL causes the analog-to-digital (A/D)
converter to digitize the difference between the outputs of the two
sample-and-holds of the selected column cell.The output of theA/D
converter is accessed by reading the CAL register.
Rows can be accessed in any order; however, the selected row must be
captured before the column cells are read.The column cells within a
row can be accessed in any order.
Special Features
There are two programmable open-drain outputs that can be used
for driving LEDs.
The CLKOUT pin can be enabled to output a square-wave clock of
the same frequency as the oscillator clock. CLKOUT can be used to
drive external circuitry. When ENCLK is high, the clock signal is
present at the CLKOUT pin. When ENCLK is low or unconnected,
the CLKOUT output is held low.
MBF110 Pin Information for SOP (VSPA) 80/1
Pin
Number
Pin
Name
Type
Description
Notes
34
A3
Input
Address Inputs
Address signals connected to these pins select a register to read from or write to dur-
ing data transfer.
35
A2
36
A1
37
A0
38
CE1
Chip Enable, Active Low
When CE1 is low and CE2 is high, the chip is selected.
39
CE2
Chip Enable, Active High
When CE1 is low and CE2 is high, the chip is selected.
40
RD
Read Enable, Active Low
This pin must be low while WR is high and the chip selected in order to read a register
on the chip.
17
WR
Write Enable, Active Low
This pin must be low while the chip is selected to write to a register on the chip.
18
D7
Bi-directional
Data Bus
Inputs when WR is low and chip is selected. Outputs when RD is low, WR is high, and
chip is selected.
19
D6
21
D5
22
D4
24
D3
25
D2
26
D1
27
D0
32
CLKOUT
Output
Clock Output
This pin outputs the oscillator clock frequency when ENCLK is high.
31
ENCLK
Input
Enable Clock Output
A high on this pin enables the CLKOUT pin. A low on this pin holds CLKOUT low.
ENCLK has an internal pull-down resistor.
15
LED1
Open-drain
Output
LED driver
This pin can be used to drive an LED.
14
LED2
Open-drain
Output
3
SETCUR
Input
Set Discharge Current
Place an external resistor R1 (200K – 680K ohms) between this pin and ground.
Typical: FPS110, R1 = 680K; FPS110B, R1 = 200K; FPS110E, R1 = 200K
2
N/A
Reserved pin
Must be left disconnected.
13
TEST
20, 33
VDD
Power
Digital Power Supply
1VDDA
Analog Power Supply


Similar Part No. - MBF110

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBF10 LUGUANG-MBF10 Datasheet
526Kb / 2P
   Schottky Surface Mount Flat Bridge Rectifier
logo
Galaxy Semi-Conductor H...
MBF10J BILIN-MBF10J Datasheet
725Kb / 4P
   Silicon Bridge Rectifiers
MBF10K BILIN-MBF10K Datasheet
725Kb / 4P
   Silicon Bridge Rectifiers
MBF10M BILIN-MBF10M Datasheet
725Kb / 4P
   Silicon Bridge Rectifiers
MBF10N BILIN-MBF10N Datasheet
724Kb / 4P
   Silicon Bridge Rectifiers
More results

Similar Description - MBF110

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SEF-A1F1 MITSUMI-SEF-A1F1 Datasheet
61Kb / 2P
   Solid Optical Fingerprint Sensor
logo
Sony Corporation
CXA3271GE SONY-CXA3271GE Datasheet
180Kb / 17P
   Fingerprint Sensor
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
   Fingerprint Sensor
logo
Mantra Softech India Pv...
MFS100 MANTRA-MFS100 Datasheet
506Kb / 2P
   OPTICAL FINGERPRINT SENSOR
logo
Honeywell Accelerometer...
SS526GT HONEYWELL-ACC-SS526GT Datasheet
367Kb / 2P
   SOLID STATE SENSOR
SS41-S HONEYWELL-ACC-SS41-S Datasheet
395Kb / 4P
   SOLID STATE SENSOR
logo
Honeywell Solid State E...
2SS52M HONEYWELL-2SS52M Datasheet
315Kb / 2P
   SOLID STATE SENSOR
logo
Honeywell Accelerometer...
SS41L HONEYWELL-ACC-SS41L Datasheet
395Kb / 4P
   SOLID STATE SENSOR
logo
List of Unclassifed Man...
SS443A-L ETC-SS443A-L Datasheet
590Kb / 4P
   SOLID STATE SENSOR
logo
Honeywell Solid State E...
SS50AT HONEYWELL-SS50AT Datasheet
287Kb / 3P
   SOLID STATE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com