Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83821VUW Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821VUW
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821VUW Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DP83821VUW Datasheet HTML 1Page - National Semiconductor (TI) DP83821VUW Datasheet HTML 2Page - National Semiconductor (TI) DP83821VUW Datasheet HTML 3Page - National Semiconductor (TI) DP83821VUW Datasheet HTML 4Page - National Semiconductor (TI) DP83821VUW Datasheet HTML 5Page - National Semiconductor (TI) DP83821VUW Datasheet HTML 6Page - National Semiconductor (TI) DP83821VUW Datasheet HTML 7Page - National Semiconductor (TI) DP83821VUW Datasheet HTML 8Page - National Semiconductor (TI) DP83821VUW Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
3
www.national.com
2.0 Pin Descriptions
PCI Interface
Symbol
Pin No(s)
Direction
Description
AD31-0
188, 189, 190,
191, 192, 193,
194, 195, 199,
200, 202, 203,
204, 207, 208,
1, 14, 15, 17,
18, 19, 21, 22,
23, 25, 26, 28,
29, 31, 32, 33,
34
I/O
Address and Data: Multiplexed address and data bus. As a bus master, the
DP83821 will drive address during the first bus phase. During subsequent
phases, the DP83821 will either read or write data expecting the target to
increment its address pointer. As a bus target, the DP83821 will decode each
address on the bus and respond if it is the target being addressed.
CBEN3-0
197, 2, 13, 24
I/O
Bus Command/Byte Enable: During the address phase these signals define
the “bus command” or the type of bus transaction that will take place. During
the data phase these pins indicate which byte lanes contain valid data. CBEN0
applies to byte 0 (bits 7-0) and CBEN3 applies to byte 3(bits 31-24).
PCICLK
176
I
Clock: This PCI Bus clock provides timing for all bus phases. The rising edge
defines the start of each phase. The clock frequency ranges from 0 to 33 MHz.
DEVSELN
8
I/O
Device Select: As a target, the DP83821 asserts this signal low when it
recognizes its address after FRAMEN is asserted. As a bus master, the
DP83821 samples this signal to insure that the destination address for the data
transfer is recognized by a PCI target.
FRAMEN
4
I/O
Frame: As a bus master, this signal is asserted low to indicate the beginning
and duration of a bus transaction. Data transfer takes place when this signal is
asserted. It is de-asserted before the transaction is in its final phase. As a
target, the device monitors this signal before decoding the address to check if
the current transaction is addressed to it.
GNTN
185
I
Grant: This signal is asserted low to indicate to the DP83821 that it has been
granted ownership of the bus by the central arbiter. This input is used when the
DP83821 is acting as a bus master.
IDSEL
198
I
Initialization Device Select: This pin is sampled by the DP83821 to identify
when configuration read and write accesses are intended for it.
INTAN
183
O
Interrupt A: This signal is asserted low when an interrupt condition as defined
in the Interrupt Status Register, Interrupt Mask, and Interrupt Enable registers
occurs.
IRDYN
5
I/O
Initiator Ready: As a bus master, this signal will be asserted low when the
DP83821 is ready to complete the current data phase transaction. This signal is
used in conjunction with the TRYDN signal. Data transaction takes place at the
rising edge of PCICLK when both IRDYN and TRDYN are asserted low. As a
target, this signal indicates that the master has put the data on the bus.
PAR
12
I/O
Parity: This signal indicates even parity across AD31-0 and CBEN3-0 including
the PAR pin. As a master, PAR is asserted during address and write data
phases. As a target, PAR is asserted during read data phases.
PERRN
10
I/O
Parity Error: The DP83821 as a master or target will assert this signal low to
indicate a parity error on any incoming data (except for special cycles). As a
bus master, it will monitor this signal on all write operations (except for special
cycles).
REQN
186
O
Request: The DP83821 will assert this signal low to request the ownership of
the bus to the central arbiter.
RSTN
184
I
Reset: When this signal is asserted all outputs of DP83821 will be tri-stated
and the device will be put into a known state.


Similar Part No. - DP83821VUW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83820 NSC-DP83820 Datasheet
1Mb / 87P
   10/100/1000 Mb/s PCI Ethernet Network Interface Controller
DP83820VUW NSC-DP83820VUW Datasheet
1Mb / 87P
   10/100/1000 Mb/s PCI Ethernet Network Interface Controller
logo
Texas Instruments
DP83822 TI1-DP83822 Datasheet
393Kb / 47P
[Old version datasheet]   Robust, Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83822H TI1-DP83822H Datasheet
393Kb / 47P
[Old version datasheet]   Robust, Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83822H TI1-DP83822H Datasheet
2Mb / 112P
[Old version datasheet]   DP83826E Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
More results

Similar Description - DP83821VUW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83820 NSC-DP83820 Datasheet
1Mb / 87P
   10/100/1000 Mb/s PCI Ethernet Network Interface Controller
logo
Texas Instruments
DP83816 TI1-DP83816 Datasheet
1Mb / 112P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller
DP83816AVNG TI1-DP83816AVNG Datasheet
853Kb / 108P
[Old version datasheet]   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer
DP83815 TI1-DP83815_11 Datasheet
969Kb / 110P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
logo
National Semiconductor ...
DP83815 NSC-DP83815 Datasheet
779Kb / 108P
   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
DP83816 NSC-DP83816 Datasheet
814Kb / 106P
   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II )
logo
Texas Instruments
DP83816AVNG-NOPB TI1-DP83816AVNG-NOPB Datasheet
854Kb / 109P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)
logo
National Semiconductor ...
DP83840A NSC-DP83840A Datasheet
434Kb / 89P
   10/100 Mb/s Ethernet Physical Layer
logo
Texas Instruments
DP83840AVCE TI1-DP83840AVCE Datasheet
682Kb / 91P
[Old version datasheet]   10/100 Mb/s Ethernet Physical Layer
logo
National Semiconductor ...
DP83816 NSC-DP83816 Datasheet
1Mb / 105P
   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com