Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB3298A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SB3298A
Description  SB3298
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SB3298A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SB3298A Datasheet HTML 1Page - List of Unclassifed Manufacturers SB3298A Datasheet HTML 2Page - List of Unclassifed Manufacturers SB3298A Datasheet HTML 3Page - List of Unclassifed Manufacturers SB3298A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
1
1
SB3298
P. 2
倒 車 聲 控 制 IC
SB3298 與 SB3029 腳位及應用線路
SB3298A
TOP MARK: 3298A
BZ1
VDD
LAMP
VSS
LED
OSCO
KEY
OSCI
8
2
7
3
6
4
5
1
8 PIN DIP
12VDC
390K
BZ
BZ1
VDD
LAMP
VSS
LED
OSCO
KEY
OSCI
8
2
7
3
6
4
5
8050
Rosc
4.7K
1K
SB3029
12VDC
390K
BZ
BZ1
VDD
BZ2
VSS
K2
OSCO
K5
OSCI
8
2
7
3
6
4
5
8050
Rosc
4.7K
1K


Similar Part No. - SB3298A

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB32 GULFSEMI-SB32 Datasheet
219Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 3.0A
logo
Gaomi Xinghe Electronic...
SB32 GXELECTRONICS-SB32 Datasheet
487Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SB320 SY-SB320 Datasheet
667Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SB320 FAIRCHILD-SB320 Datasheet
488Kb / 10P
   Power Switch (FPSTM) FSBH-series to Standby Auxiliary Power Supply
logo
Leshan Radio Company
SB320 LRC-SB320 Datasheet
58Kb / 2P
   SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com