Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0402N0R5A101CT Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part No. 0402N0R5A101CT
Description  High capacitance in given case size
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0402N0R5A101CT Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  0402N0R5A101CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5A101CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5A101CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5A101CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5A101CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5A101CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5A101CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5A101CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 0402N0R5A101CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 1 of 22
ASC_General Purpose_001AE_AS
May. 2019
*Contents in this sheet are subject to change without prior notice.
MULTILAYER CERAMIC CAPACITORS
General Purpose Series (4V to 100V)
0201 to 1812 Sizes
NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics
Halogen Free & RoHS Compliance


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn