Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8351 Datasheet(PDF) 29 Page - ABLIC Inc.

Part # S-8351
Description  STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-8351 Datasheet(HTML) 29 Page - ABLIC Inc.

Back Button S-8351 Datasheet HTML 25Page - ABLIC Inc. S-8351 Datasheet HTML 26Page - ABLIC Inc. S-8351 Datasheet HTML 27Page - ABLIC Inc. S-8351 Datasheet HTML 28Page - ABLIC Inc. S-8351 Datasheet HTML 29Page - ABLIC Inc. S-8351 Datasheet HTML 30Page - ABLIC Inc. S-8351 Datasheet HTML 31Page - ABLIC Inc. S-8351 Datasheet HTML 32Page - ABLIC Inc. S-8351 Datasheet HTML 33Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.1_00
S-8351/8352 Series
29
Characteristics (Typical Data)
1. Input voltage (VIN) vs. Powe Supply Input Current at No Load (IIN)
Ta = 25
°C
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
VIN [V]
S-8351A30MC
S-8351A50MC
2. Output Voltage (VOUT) vs. Current Consumption 1 (ISS1)
S-8351A
S-8352A
0
20
40
60
80
1
2
3
4
5
6
7
VOUT [V]
Ta = 25
°C
0
20
40
60
80
VOUT [V]
1
2
3
4
5
6
7
Ta = 25
°C
3. Temperature (Ta) vs. Current Consumption 1 (ISS1)
0
20
30
40
50
10
−50 −25
0
25
50
75
100
Ta [
°C]
S-8351A30MC
S-8351A50MC
0
20
30
40
50
10
−50 −25
0
25
50
75
100
Ta [
°C]
S-8352A30MC
S-8352A50MC
4. Output Voltage (VOUT) vs. Current Consumption 2 (ISS2) 5. Temperature (Ta) vs. Current Consumption 2 (ISS2)
Ta = 25
°C
0
1
2
3
4
VOUT [V]
1
2
3
4
5
6
7
5
0
2
3
4
5
1
−50 −25
0
25
50
75
100
Ta [
°C]
S-8351A30MC
S-8351A50MC


Similar Part No. - S-8351

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8351A20MC-J2FT2G SII-S-8351A20MC-J2FT2G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2U SII-S-8351A20MC-J2FT2U Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A22MC-J2HT2G SII-S-8351A22MC-J2HT2G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A22MC-J2HT2U SII-S-8351A22MC-J2HT2U Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8351

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8351 SII-S8351 Datasheet
2Mb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8351A50MC-J3JT2G SII-S-8351A50MC-J3JT2G Datasheet
552Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8321 SII-S-8321 Datasheet
1Mb / 26P
   SMALL PACKAGE PFM CONTROL STEP-UP SWITCHING REGULATOR
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402_14 Datasheet
178Kb / 18P
   PFM Step-Up Micropower Switching Regulator
July, 2014 ??Rev. 10
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402 Datasheet
158Kb / 18P
   200 mA, PFM Step-Up Micropower Switching Regulator
November, 2003 ??Rev. 5
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com