Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM39LV800 Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM39LV800
Description  8M Bits (512Kx16) Flash Memory
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM39LV800 Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM39LV800 Datasheet HTML 1Page - ELAN Microelectronics Corp EM39LV800 Datasheet HTML 2Page - ELAN Microelectronics Corp EM39LV800 Datasheet HTML 3Page - ELAN Microelectronics Corp EM39LV800 Datasheet HTML 4Page - ELAN Microelectronics Corp EM39LV800 Datasheet HTML 5Page - ELAN Microelectronics Corp EM39LV800 Datasheet HTML 6Page - ELAN Microelectronics Corp EM39LV800 Datasheet HTML 7Page - ELAN Microelectronics Corp EM39LV800 Datasheet HTML 8Page - ELAN Microelectronics Corp EM39LV800 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 4 of 25
Device Operation
The EM39LV800 uses Commands to initiate the memory operation functions. The
Commands are written to the device by asserting WE# Low while keeping CE# Low. The
address bus is latched on the falling edge of WE# or CE#, whichever occurs last. The data
bus is latched on the rising edge of WE# or CE#, whichever occurs first.
Read
The Read operation of the EM39LV800 is controlled by CE# and OE#. Both have to be Low
for the system to obtain data from the outputs. CE# is used for device selection. When CE#
is high, the chip is deselected and only standby power is consumed. OE# is the output
control and is used to gate data from the output pins. The data bus is in high impedance state
when either CE# or OE# is high. Refer to the Read Cycle Timing Diagram in Figure 1 for
further details.
Word Program
The EM39LV800 is programmed on a word-by-word basis. Before programming, the sector
where the word is located must be erased completely. The Program operation is
accomplished in three steps:
The first step is a three-byte load sequence for Software Data Protection.
The second step is to load word address and word data. During the Word Program
operation, the addresses are latched on the falling edge of either CE# or WE#, whichever
occurs last; and the data is latched on the rising edge of either CE# or WE#, whichever
occurs first.
The third step is the internal Program operation which is initiated after the rising edge of
the fourth WE# or CE#, whichever occurs first. The Program operation, once initiated,
will be completed within 20 µs. See Figures 2 and 3 for WE# and CE# controlled
Program operation timing diagrams respectively and Figure 15 for flowchart.
During the Program operation, the only valid reads are Data# Polling and Toggle Bit. During
the internal Program operation, the host is free to perform additional tasks. Any command
issued during the internal Program operation is ignored.


Similar Part No. - EM39LV800

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM39LV010 EMC-EM39LV010 Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RD EMC-EM39LV010-45RD Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RH EMC-EM39LV010-45RH Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RL EMC-EM39LV010-45RL Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RM EMC-EM39LV010-45RM Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
More results

Similar Description - EM39LV800

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F800T MCNIX-MX29F800T Datasheet
693Kb / 42P
   8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
logo
ELAN Microelectronics C...
EM39LV088 EMC-EM39LV088 Datasheet
271Kb / 22P
   8M Bits (1Mx8) Flash Memory
logo
Toshiba Semiconductor
TC58FVM7T2AFT65 TOSHIBA-TC58FVM7T2AFT65 Datasheet
622Kb / 69P
   128-MBIT (16M × 8 BITS/8M × 16 BITS) CMOS FLASH MEMORY
2004-09-01
logo
Sharp Corporation
LHF80V01 SHARP-LHF80V01 Datasheet
1Mb / 43P
   8M Flash Memory
LHF08S49 SHARP-LHF08S49 Datasheet
1Mb / 34P
   8M Flash Memory
LHF80V11 SHARP-LHF80V11 Datasheet
1Mb / 43P
   8M Flash Memory
logo
Toshiba Semiconductor
TC58FVT641 TOSHIBA-TC58FVT641 Datasheet
593Kb / 53P
   64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
TC58FVM7B2 TOSHIBA-TC58FVM7B2 Datasheet
649Kb / 68P
   128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
logo
Samsung semiconductor
K5P2880YCM SAMSUNG-K5P2880YCM Datasheet
552Kb / 29P
   Multi-Chip Package MEMORY 128M Bit 16Mx8 Nand Flash Memory / 8M Bit 1Mx8/512Kx16 Full CMOS SRAM
logo
Sharp Corporation
LH28F800BJE-PTTLZ1 SHARP-LH28F800BJE-PTTLZ1 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com