Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K50U Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # K50U
Description  Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K50U Datasheet(HTML) 1 Page - Banner Engineering Corp.

  K50U Datasheet HTML 1Page - Banner Engineering Corp. K50U Datasheet HTML 2Page - Banner Engineering Corp. K50U Datasheet HTML 3Page - Banner Engineering Corp. K50U Datasheet HTML 4Page - Banner Engineering Corp. K50U Datasheet HTML 5Page - Banner Engineering Corp. K50U Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
The Sure Cross® K50U sensor works in a variety of environments to provide a measurement of the distance between the target
and the sensor. It is designed for plug-and-play use with the Wireless Q45U Node (or any other Banner 1-wire serial node), creating
a cost-effective and easy-to-use solution for monitoring remote or mobile tanks and totes.
Benefits
Monitor wirelessly to avoid long cable runs
Threaded housing for easy installation
Easily monitor remote and mobile tanks and totes
Completely wireless solution with 2+ year battery life at default sample rates
Provides a distance measurement from the target to the sensor
Built-in temperature compensation
Rugged design for demanding sensing environments; rated IEC IP67, NEMA 6P
Connects using a 1-wire serial interface
Designed to work with FlexPower 1-Wire Serial Interface Node models
DX80N9X1S-P6 and DX80N2X1S-P6, the 10 to 30 V dc powered 1-Wire Serial
Interface Node models DX80N9X6S-P6 and DX80N2X6S-P6, MultiHop M-H6 and
M-H6L radios, and Wireless Q45 Sensor Nodes DX80N2Q45U and DX80N9Q45U
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious injury or
death. This device does not include the self-checking redundant circuitry necessary to allow its use in
personnel safety applications. A sensor failure or malfunction can cause either an energized or de-energized
sensor output condition.
Models
Model
Range and Frequency
Supply Voltage
I/O
K50UX1ARA
Range: 100 mm to 1 m (3.94 in to 39.4 in)
Freq: 224 kHz
3.6 to 5.5 V dc or 10
to 30 V dc
Distance to target using
a 1-wire serial interface
K50UX1CRA
Range: 300 mm to 3 m (11.8 in to 118 in)
Freq: 114 kHz
Overview
The K50U is an easy-to-use ultrasonic sensor with extended range and built-in temperature compensation. This sensor is designed
to interface with a Node with 1-Wire Serial Interface. To install the sensor to either the serial Node or a cable, follow these
instructions:
1. Align the notch in the Node’s or cable’s female connector with the key in the sensor’s male connector.
2. Gently slide the sensor end into the Node’s or cable’s connector.
3. Rotate the Node’s or cable’s threaded nut to tighten the sensor down. DO NOT attempt to rotate the sensor after it is
connected to the Node’s serial port or the cable end, this will damage the sensor.
Indicator LEDs communicate the status of the sensor. The flashing green Power LED indicates the sensor is in Run Mode (the
sensor’s normal operating condition).
Configure this sensor using the Sure Cross®
Sensor Configuration Tool (instruction manual 170002) and adapter cable BWA-
USB1WIRE-001 (datasheet
170020).
Principles of Operation
Ultrasonic sensors emit one or multiple pulses of ultrasonic energy, which travel through the air at the speed of sound. A portion of
this energy reflects off the target and travels back to the sensor. The sensor measures the total time required for the energy to
reach the target and return to the sensor. The distance to the object is then calculated using the following formula: D = ct ÷ 2
Sure Cross® U-GAGE K50U Ultrasonic Sensor
Original Document
191599 Rev. F
2 May 2018
191599


Similar Part No. - K50U

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
K50UF VMI-K50UF Datasheet
40Kb / 1P
   Spice Model
logo
New Jersey Semi-Conduct...
K50UF NJSEMI-K50UF Datasheet
494Kb / 1P
   High Voltage Rectifiers 2,500V-10,000V
K50UF NJSEMI-K50UF Datasheet
494Kb / 1P
   High Voltage Rectifiers 2,500V-10,000V
logo
Voltage Multipliers Inc...
K50UF VMI-K50UF Datasheet
102Kb / 2P
   High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??100ns ??Axial Leaded
logo
Banner Engineering Corp...
K50UX1ARA BANNER-K50UX1ARA Datasheet
806Kb / 6P
   U-GAGE K50U Ultrasonic Sensor
More results

Similar Description - K50U

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
K50UX1ARA BANNER-K50UX1ARA Datasheet
806Kb / 6P
   U-GAGE K50U Ultrasonic Sensor
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
   Sure Cross짰 Wireless Q45UA Ultrasonic Node
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
   Sure Cross짰 Temperature and Humidity Sensor
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
   Sure Cross짰 Temperature and Humidity Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
   Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
   Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
   Sure Cross짰 Performance Node
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
DB9 BANNER-DB9 Datasheet
177Kb / 2P
   Sure Cross짰 DB9 Splitter Cable
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
   Sure Cross짰 Wireless Q45VTP Node
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com