Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THS6007 Datasheet(PDF) 6 Page - Texas Instruments

Part No. THS6007
Description  DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

THS6007 Datasheet(HTML) 6 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
THS6007
DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
SLOS334– DECEMBER 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER
electrical characteristics, VCC = ±15 V, RL = 25 Ω, RF = 1 kΩ, TA = 25°C (unless otherwise noted)
(continued)
output characteristics
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Single ended
RL =25 Ω
VCC = ± 5 V
3
to
– 2.8
3.2
to
–3
V
VO
Output voltage swing
Single ended
RL = 25 Ω
VCC = ± 15 V
11.8
to
–11.5
12.5
to
–12.2
V
VO
Output voltage swing
Differential
RL =50 Ω
VCC = ± 5 V
6
to
– 5.6
6.4
to
–6
V
Differential
RL = 50 Ω
VCC = ± 15 V
23.6
to
–23
25
to
– 24.4
V
IO
Output current (see Note 2)
VCC = ± 5 V,
RL = 5 Ω
500
mA
IO
Output current (see Note 2)
VCC = ± 15 V,
RL = 25 Ω
400
500
mA
IOS
Short-circuit output current (see Note 2)
800
mA
RO
Output resistance
Open loop
13
NOTE 2: A heat sink is required to keep the junction temperature below absolute maximum when an output is heavily loaded or shorted. See
absolute maximum ratings and
Thermal Information section.
power supply
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC
Power supply operating range
Split supply
±4.5
±16.5
V
VCC
Power supply operating range
Single supply
9
33
V
VCC = ± 5 V
TA = full range
12
ICC
Quiescent current (each driver)
VCC = ± 15 V
TA = 25°C
11.5
13
mA
VCC = ± 15 V
TA = full range
15
VCC = ± 5V
TA = 25°C
–68
–74
dB
PSRR
Power supply rejection ratio
VCC = ± 5 V
TA = full range
–65
dB
PSRR
Power supply rejection ratio
VCC = ± 15 V
TA = 25°C
–64
–72
dB
VCC = ± 15 V
TA = full range
–62
dB
NOTE: Full range = – 40
°C to 85°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn