Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THS6007 Datasheet(PDF) 5 Page - Texas Instruments

Part No. THS6007
Description  DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

THS6007 Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
THS6007
DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
SLOS334– DECEMBER 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER
electrical characteristics, VCC = ±15 V, RL = 25 Ω, RF = 1 kΩ, TA = 25°C (unless otherwise noted)
(continued)
dc performance
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Open loop transresistance
VCC = ± 5 V
1.5
M
Open loop transresistance
VCC = ± 15 V
5
M
VIO
Input offset voltage
VCC = ± 5Vor ± 15 V
TA = 25°C
2
5
mV
VIO
Input offset voltage
VCC = ± 5 V or ± 15 V
TA = full range
7
mV
Input offset voltage drift
VCC = ± 5 V or ± 15 V,
TA = full range
20
µV/°C
Differential input offset voltage
VCC = ± 5Vor ± 15 V
TA = 25°C
1.5
4
mV
Differential input offset voltage
VCC = ± 5 V or ± 15 V
TA = full range
5
mV
Negative
TA = 25°C
3
9
µA
Negative
TA = full range
12
µA
IIB
Input bias current
Positive
VCC = ± 5Vor ± 15 V
TA = 25°C
4
10
µA
IIB
Input bias current
Positive
VCC = ± 5 V or ± 15 V
TA = full range
12
µA
Differential
TA = 25°C
1.5
8
µA
Differential
TA = full range
11
µA
Differential input offset voltage drift
VCC = ± 5 V or ± 15 V,
TA = full range
10
µV/°C
NOTE: Full range = – 40
°C to 85°C
input characteristics
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VICR
Common mode input voltage range
VCC = ± 5 V
±3.6
±3.7
V
VICR
Common-mode input voltage range
VCC = ± 15 V
±13.4
±13.5
V
CMRR
Common-mode rejection ratio
VCC = ± 5Vor ± 15 V
TA = full range
62
70
dB
CMRR
Differential common-mode rejection ratio
VCC = ± 5 V or ± 15 V,
TA = full range
100
dB
RI
Input resistance
300
k
CI
Differential input capacitance
1.4
pF
NOTE: Full range = – 40
°C to 85°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn