Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QS30WRQ Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part No. QS30WRQ
Description  Sure Cross® Performance Node
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QS30WRQ Datasheet(HTML) 7 Page - Banner Engineering Corp.

  QS30WRQ Datasheet HTML 1Page - Banner Engineering Corp. QS30WRQ Datasheet HTML 2Page - Banner Engineering Corp. QS30WRQ Datasheet HTML 3Page - Banner Engineering Corp. QS30WRQ Datasheet HTML 4Page - Banner Engineering Corp. QS30WRQ Datasheet HTML 5Page - Banner Engineering Corp. QS30WRQ Datasheet HTML 6Page - Banner Engineering Corp. QS30WRQ Datasheet HTML 7Page - Banner Engineering Corp. QS30WRQ Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
As with all batteries, these are a fire, explosion, and severe burn hazard. Do not burn or expose them
to high temperatures. Do not recharge, crush, disassemble, or expose the contents to water.
Replacement battery model number: BWA-BATT-001. For pricing and availability, contact Banner
Engineering.
Storage and Sleep Modes
Storage Mode (applies to battery-powered models only)—While in storage mode, the radio does not operate. All Sure Cross®
radios powered from an integrated battery ship from the factory in storage mode to conserve the battery. To wake the device,
press and hold button 1 for 5 seconds. To put any
FlexPower® or integrated battery Sure Cross radio into storage mode, press and
hold button 1 for 5 seconds. The radio is in storage mode when the LEDs stop blinking, but in some models, the LCD remains on
for an additional minute after the radio enters storage mode. After a device has entered storage mode, you must wait 1 minute
before waking it.
Sleep Mode (applies to both battery and 10–30 V dc powered models)—During normal operation, the Sure Cross radio devices
enter sleep mode after 15 minutes of operation. The radio continues to function, but the LCD goes blank. To wake the device,
press any button.
Specifications
Performance Radio Specifications
Radio Range2
900 MHz, 1 Watt (Internal antenna): Up to 3.2 km (2 miles) with line of sight
2.4 GHz, 65 mW (Internal antenna): Up to 1000 m (3280 ft) with line of sight
Antenna Minimum Separation Distance
900 MHz, 150 mW and 250 mW: 2 m (6 ft)
900 MHz, 1 Watt: 4.57 m (15 ft)
2.4 GHz, 65 mW: 0.3 m (1 ft)
Radio Transmit Power
900 MHz, 1 Watt: 30 dBm (1 W) conducted (up to 36 dBm EIRP)
2.4 GHz, 65 mW: 18 dBm (65 mW) conducted, less than or equal to 20 dBm
(100 mW) EIRP
Spread Spectrum Technology
FHSS (Frequency Hopping Spread Spectrum)
900 MHz Compliance (1 Watt)
FCC ID UE3RM1809: This device complies with FCC Part 15, Subpart C,
15.247
IC: 7044A-RM1809
2.4 GHz Compliance
FCC ID UE300DX80-2400 - This device complies with FCC Part 15, Subpart
C, 15.247
ETSI EN 300 328: V1.8.1 (2012-06)
IC: 7044A-DX8024
Link Timeout
Gateway: Configurable via User Configuration Tool (UCT) software
Node: Defined by Gateway
P6L Model Specifications
Supply Voltage
3.6 V dc low power option from an internal battery
Sample/Report Rates
5 minutes
Interface
Two bi-color LED indicators
Two buttons
Wiring Access
One 5-pin threaded M12/Euro-style female quick disconnect
Housing
Polycarbonate housing, polyester labels, EDPM rubber cover gasket, nitrile
rubber, non-sulphur cured button covers
Weight: 0.30 kg (0.65 lbs)
Mounting: #10 or M5 (SS M5 hardware included)
Max. Tightening Torque: 0.56 N·m (5 lbf·in)
Certifications
2
Range depends on the environment and decreases significantly without line of sight. Always verify your wireless network's range by performing a Site Survey.
Sure Cross® Performance Node
P/N 204221 Rev. A
www.bannerengineering.com - Tel: +1-763-544-3164
7


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn