Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QM30VT1 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part No. QM30VT1
Description  Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QM30VT1 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  QM30VT1 Datasheet HTML 1Page - Banner Engineering Corp. QM30VT1 Datasheet HTML 2Page - Banner Engineering Corp. QM30VT1 Datasheet HTML 3Page - Banner Engineering Corp. QM30VT1 Datasheet HTML 4Page - Banner Engineering Corp. QM30VT1 Datasheet HTML 5Page - Banner Engineering Corp. QM30VT1 Datasheet HTML 6Page - Banner Engineering Corp. QM30VT1 Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Sensor
Register
Output Type
I/O Range
Holding Register Representation
Min
Max
Min (Dec)
Max (Dec)
1
Z-Axis RMS Velocity (in/sec) 1, 5
0
6.5535
0
65535
2
Z-Axis RMS Velocity (mm/sec) 2, 5
0
65.535
0
65535
3
Temperature (°F) 3
–1638.4
1638.3
–32768
32767
4
Temperature (°C) 3
–1638.4
1638.3
–32768
32767
5
X-Axis RMS Velocity (in/sec) 1, 5
0
6.5535
0
65535
6
X-Axis RMS Velocity (mm/sec) 2, 5
0
65.535
0
65535
1 Value = Register value ÷ 10000
2 Value = Register value ÷ 1000
3 Value = Register value ÷ 20
4 Value = Register value ÷ 10
5 Measurement bandwidth = 10 Hz to 1 kHz
6 Measurement bandwidth = 1 kHz to 4 kHz
Serial Address Optional Output Types
I/O Range
Holding Register
Representation
Min
Max
Min (dec)
Max (dec)
16
Z-Axis RMS Velocity (in/sec) 1, 5
0
6.5535
0
65535
25
Z-Axis RMS Velocity (mm/sec) 2, 5
0
65.535
0
65535
192
Temperature (°F) 3
–327.68
327.67
–32768
32767
193
Temperature (°C) 3
–327.68
327.67
–32768
32767
64
X-Axis RMS Velocity (in/sec) 1, 5
0
6.5535
0
65535
73
X-Axis RMS Velocity (mm/sec) 2, 5
0
65.535
0
65535
20
Z-Axis Peak Acceleration (G) 2, 6
0
65.535
0
65535
68
X-Axis Peak Acceleration (G) 2, 6
0
65.535
0
65535
19
Z-Axis Peak Velocity Component Frequency (Hz) 4, 5
0
6553.5
0
65535
66
X-Axis Peak Velocity Component Frequency (Hz) 4, 5
0
6553.5
0
65535
19
Z-Axis RMS Acceleration (G) 2, 5
0
65.535
0
65535
67
X-Axis RMS Acceleration (G) 2, 5
0
65.535
0
65535
24
Z-Axis Kurtosis 2, 6
0
65.535
0
65535
72
X-Axis Kurtosis 2, 6
0
65.535
0
65535
37
Z-Axis Crest Factor 2, 6
0
65.535
0
65535
69
X-Axis Crest Factor 2, 6
0
65.535
0
65535
17
Z-Axis Peak Velocity (in/sec) 1, 5
0
6.5535
0
65535
23
Z-Axis Peak Velocity (mm/sec) 2, 5
0
65.535
0
65535
65
X-Axis Peak Velocity (in/sec) 1, 5
0
6.5535
0
65535
71
X-Axis Peak Velocity (mm/sec) 2, 5
0
65.535
0
65535
22
Z-Axis High-Frequency RMS Acceleration (G) 2, 6
0
65.535
0
65535
70
X-Axis High-Frequency RMS Acceleration (G) 2, 6
0
65.535
0
65535
27
Full Bandwidth RMS Acceleration Z-Axis (G) 2, 6
0
65.535
0
65535
75
Full Bandwidth RMS Acceleration X-Axis (G) 2, 6
0
65.535
0
65535
28
Full Bandwidth Peak Acceleration Z-Axis (G) 2, 7
0
65.535
0
65535
76
Full Bandwidth Peak Acceleration X-Axis (G) 2, 7
0
65.535
0
65535
1 Value = Register value ÷ 10000
2 Value = Register value ÷ 1000
3 Value = Register value ÷ 100
4 Value = Register value ÷ 10
5 Measurement bandwidth = 10 Hz to 1 kHz
6 Measurement bandwidth = 1 kHz to 4 kHz
7 Measurement Bandwidth = 10 Hz to 4 kHz
Sure Cross® QM30VT1 Vibration and Temperature Sensor
P/N 212568 Rev. A
www.bannerengineering.com - Tel: + 1 888 373 6767
3


Similar Part No. - QM30VT1

ManufacturerPart No.DatasheetDescription
Banner Engineering Corp.
Banner Engineering Corp...
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
   Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
QM30VT2-SS-9M BANNER-QM30VT2-SS-9M Datasheet
1Mb / 6P
   Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
More results

Similar Description - QM30VT1

ManufacturerPart No.DatasheetDescription
Banner Engineering Corp.
Banner Engineering Corp...
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
   Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
   Sure Cross짰 Temperature and Humidity Sensor
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
   Sure Cross짰 Temperature and Humidity Sensor
JL World Company Limited.
JL World Company Limite...
MPS-501G JLWORLD-MPS-501G Datasheet
1Mb / 6P
   Medical Pres sure Sensor
SignalQuest, Inc.
SignalQuest, Inc.
SQ-MIN-200 SIGNALQUEST-SQ-MIN-200 Datasheet
676Kb / 5P
   NANO-POWER TILT AND VIBRATION SENSOR
SQ-SEN-200 SIGNALQUEST-SQ-SEN-200 Datasheet
813Kb / 6P
   NANO-POWER TILT AND VIBRATION SENSOR
Analog Devices
Analog Devices
ADIS16220 AD-ADIS16220 Datasheet
233Kb / 16P
   Programmable Digital Vibration Sensor
Rev. PrE
SignalQuest, Inc.
SignalQuest, Inc.
SQ-EVA-022 SIGNALQUEST-SQ-EVA-022 Datasheet
697Kb / 5P
   NANO-POWER TILT AND VIBRATION SENSOR EVALUATION BOARD
Analog Devices
Analog Devices
ADIS16228 AD-ADIS16228 Datasheet
747Kb / 28P
   Digital Triaxial Vibration Sensor
REV. B
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz