Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QM30VT1 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # QM30VT1
Description  Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QM30VT1 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  QM30VT1 Datasheet HTML 1Page - Banner Engineering Corp. QM30VT1 Datasheet HTML 2Page - Banner Engineering Corp. QM30VT1 Datasheet HTML 3Page - Banner Engineering Corp. QM30VT1 Datasheet HTML 4Page - Banner Engineering Corp. QM30VT1 Datasheet HTML 5Page - Banner Engineering Corp. QM30VT1 Datasheet HTML 6Page - Banner Engineering Corp. QM30VT1 Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet
Continuously monitor machine health, run time, and detect unexpected machine failures such as early bearing failure, unbalance,
misalignment, etc. with the Sure Cross Vibration and Temperature QM30VT1 Sensor. The QM30VT1 works in a variety of machines
to identify and predict failures in rotating machinery. Paired with a Sure Cross wireless Node, the QM30VT1 becomes the ultimate
predictive maintenance tool for wireless vibration and temperature monitoring.
Dual-axis vibration detection up to 4 kHz bandwidth
Output actionable data such as RMS Velocity, RMS High Frequency Acceleration,
Peak Velocity, etc., which is pre-processed from the vibration waveforms in the
sensor
Provides high accuracy vibration and temperature measurements
Industrial grade sensor with small form factor to fit into tight locations
Manufactured with a sealed aluminum housing
Connects to Sure Cross Wireless Nodes for easy set-up, fast installation, and long
battery life in even the most rugged, hard-to-reach locations
Designed to work with 1-Wire Serial Interface Nodes
For additional information, updated documentation, and a list of accessories, refer to Banner Engineering's website,
www.bannerengineering.com.
WARNING:
Do not use this device for personnel protection
Using this device for personnel protection could result in serious injury or death.
This device does not include the self-checking redundant circuitry necessary to allow its use in
personnel safety applications. A device failure or malfunction can cause either an energized (on) or de-
energized (off) output condition.
Models
Model
Supply Voltage
Connections and Cable
I/O
QM30VT1
3.6 V dc to 5.5 V dc
2.09 m (6.85 ft) cable with a 5-pin M12/Euro-style male quick
disconnect (QD)
Vibration and temperature using a 1-wire serial
interface
The Sensor Configuration Software offers an easy way to manage sensor parameters, retrieve data, and visually show sensor data
from a number of different sensors. The Sensor Configuration Software runs on any Windows machine and uses an adapter cable
to connect the sensor to your computer. Download the most recent version of the software from Banner Engineering's website:
www.bannerengineering.com and select Software from the Products drop-down list.
Configure this sensor using the
Sensor Configuration Software (instruction manual p/n 170002) and USB-to-RS-232 1-Wire adapter
cable model BWA-USB1WIRE-001 (datasheet p/n
170020).
Installation Instructions
Connecting the Vibration/Temperature Sensor
To install the sensor to a device with a 5-pin M12/Euro-style female connector:
1. Align the notch in the female connector with the key in the sensor’s male connector.
2. Gently slide the sensor end into the connector.
3. Rotate the threaded nut to tighten the sensor down.
Wiring
This sensor is designed to be plugged directly into compatible Nodes. The Node powers the sensor and periodically requests data
using the 1-wire serial interface. Refer to the Class I Division 2 control drawings (p/n
143086) for wiring specifications and
limitations.
Sure Cross® QM30VT1 Vibration and
Temperature Sensor
Original Document
212568 Rev. A
14 August 2019
212568


Similar Part No. - QM30VT1

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
   Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
QM30VT2-SS-9M BANNER-QM30VT2-SS-9M Datasheet
1Mb / 6P
   Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
More results

Similar Description - QM30VT1

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
   Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
   Sure Cross짰 Temperature and Humidity Sensor
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
   Sure Cross짰 Temperature and Humidity Sensor
K50U BANNER-K50U Datasheet
806Kb / 6P
   Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
   Sure Cross짰 Performance Node
DB9 BANNER-DB9 Datasheet
177Kb / 2P
   Sure Cross짰 DB9 Splitter Cable
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
   Sure Cross짰 Wireless Q45VTP Node
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
   Sure Cross짰 MultiHop H5 Data Radio
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
   Sure Cross짰 Wireless Q45UA Ultrasonic Node
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com