Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QS30WRQ Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part No. QS30WRQ
Description  Sure Cross Performance Node
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QS30WRQ Datasheet(HTML) 1 Page - Banner Engineering Corp.

  QS30WRQ Datasheet HTML 1Page - Banner Engineering Corp. QS30WRQ Datasheet HTML 2Page - Banner Engineering Corp. QS30WRQ Datasheet HTML 3Page - Banner Engineering Corp. QS30WRQ Datasheet HTML 4Page - Banner Engineering Corp. QS30WRQ Datasheet HTML 5Page - Banner Engineering Corp. QS30WRQ Datasheet HTML 6Page - Banner Engineering Corp. QS30WRQ Datasheet HTML 7Page - Banner Engineering Corp. QS30WRQ Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
The Sure Cross® wireless system is a radio frequency network with integrated
I/O that operates in most environments to eliminate the need for wiring runs.
Wireless networks are formed around a Gateway, which acts as the wireless
network master device, and one or more Nodes.
Wireless industrial I/O device with a 1-wire serial interface
Selectable transmit power levels of 250 mW or 1 Watt for 900 MHz
models and 65 mW for 2.4 GHz models
DIP switches for user configuration
Frequency Hopping Spread Spectrum (FHSS) technology and Time
Division Multiple Access (TDMA) control architecture ensure reliable data
delivery within the unlicensed Industrial, Scientific, and Medical (ISM)
band
Transceivers provide bidirectional communication between the Gateway
and Node, including fully acknowledged data transmission
Lost RF links are detected and relevant outputs set to user-defined
conditions
For additional information, updated documentation, and a list of accessories,
refer to Banner Engineering's website, www.bannerengineering.com/wireless.
Integrated
battery model
10 to 30 V dc
power model
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to
serious injury or death. This device does not include the self-checking redundant circuitry necessary
to allow its use in personnel safety applications. A sensor failure or malfunction can cause either an
energized or de-energized sensor output condition.
CAUTION: Never Operate 1 Watt Radios Without Antennas
To avoid damaging the radio circuitry, never power up Sure Cross® Performance or Sure Cross
MultiHop (1 Watt) radios without an antenna.
CAUTION: Electrostatic Discharge (ESD)
ESD Sensitive Device. This product uses semiconductors that can be damaged by electrostatic
discharge (ESD). When performing maintenance, care must be taken so the device is not damaged.
Disconnect power from the device when accessing the internal DIP switches. Proper handling
procedures include wearing anti-static wrist straps. Damage from inappropriate handling is not covered
by warranty.
Models
Models
Frequency
Power
I/O
DX80N9X1S-P6
900 MHz ISM Band
Battery integrated into the housing
Inputs: 1-Wire serial interface for one serial
sensing device
DX80N2X1S-P6
2.4 GHz ISM Band
DX80N9X6S-P6
900 MHz ISM Band
10 to 30 V dc
DX80N2X6S-P6
2.4 GHz ISM Band
General Operation
For the first five minutes after powering up, the Node operates in fast sample mode, sampling and sending data every two
seconds. After five minutes, the Node defaults to five minute sample intervals and the LCD turns off to save power, which
is ideal for the battery-powered models.
Sure Cross® Performance Node
Original Document
157189 Rev. I
4 October 2016
157189


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn