Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q45VTP Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # Q45VTP
Description  Sure Cross짰 Wireless Q45VTP Node
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45VTP Datasheet(HTML) 7 Page - Banner Engineering Corp.

  Q45VTP Datasheet HTML 1Page - Banner Engineering Corp. Q45VTP Datasheet HTML 2Page - Banner Engineering Corp. Q45VTP Datasheet HTML 3Page - Banner Engineering Corp. Q45VTP Datasheet HTML 4Page - Banner Engineering Corp. Q45VTP Datasheet HTML 5Page - Banner Engineering Corp. Q45VTP Datasheet HTML 6Page - Banner Engineering Corp. Q45VTP Datasheet HTML 7Page - Banner Engineering Corp. Q45VTP Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Q45VTP Sensor Specifications
Default Sensing Interval
5 minutes
Indicators
Red and green LEDs (radio function)
Shock
400G
Environmental Rating
NEMA 6P, IEC IP67
Construction
Molded reinforced thermoplastic polyester housing, oring-sealed
transparent Lexan® cover, molded acrylic lenses, and stainless steel
hardware. Q45s are designed to withstand 1200 psi washdown.
Typical Battery Life
See chart.
Operating Conditions
–40 °C to +70 °C (–40 °F to +158 °F)
90% at +50 °C maximum relative humidity (non-condensing)
Battery Life for a Q45VT/Q45U Node with 1-Wire Serial Sensor
This is the battery life curve for the following models:
Q45VT or Q45U 1-Wire Serial Interface Node connected to a 1-wire serial sensor (such as a VT1 Vibration/Temperature
sensor)
Q45VTP Node
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0
10
20
30
40
50
60
70
2.4 GHz
900 MHz (250 mW)
900 MHz (1 W)
Sample Rate (minutes)
Accessories
Sensors
QM42VT1
Vibration and temperature sensor with 1-wire serial interface
Detects dual-axis vibration
Zinc alloy housing
3 m cable with a 5-pin M12/Euro-style male quick disconnect (QD)
Datasheet:
186209
Sure Cross® Wireless Q45VTP Node
P/N 208637 Rev. A
www.bannerengineering.com - Tel: +1-763-544-3164
7


Similar Part No. - Q45VTP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
Q45VR2 BANNER-Q45VR2 Datasheet
400Kb / 11P
   Q45VR2 Series Sensors
Q45VR2CV BANNER-Q45VR2CV Datasheet
400Kb / 11P
   Q45VR2 Series Sensors
Q45VR2CV4 BANNER-Q45VR2CV4 Datasheet
400Kb / 11P
   Q45VR2 Series Sensors
Q45VR2CV4Q BANNER-Q45VR2CV4Q Datasheet
400Kb / 11P
   Q45VR2 Series Sensors
More results

Similar Description - Q45VTP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
   Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
   Sure Cross짰 Performance Node
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
   Sure Cross짰 Temperature and Humidity Sensor
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
   Sure Cross Performance Node
DB9 BANNER-DB9 Datasheet
177Kb / 2P
   Sure Cross짰 DB9 Splitter Cable
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
   Sure Cross짰 MultiHop H5 Data Radio
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
   Sure Cross짰 Temperature and Humidity Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
   Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
   Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com