Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX80N2X6S-P6 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # DX80N2X6S-P6
Description  Sure Cross Performance Node
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DX80N2X6S-P6 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  DX80N2X6S-P6 Datasheet HTML 1Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 2Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 3Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 4Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 5Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 6Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 7Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6. Configure any I/O points to use the sensors connected to the Sure Cross devices.
7. Conduct a site survey between the Gateway and Nodes. If the site survey instructions are not included in this
datasheet, refer to the product manual for detailed site survey instructions.
8. Install your wireless sensor network components. If installation instructions are not included in this datasheet, refer to
the product manual for detailed installation instructions.
For additional information, including installation and setup, weatherproofing, device menu maps, troubleshooting, and a
list of accessories, refer to one of the following product manuals.
Sure Cross® Quick Start Guide: 128185
Sure Cross® Wireless I/O Network Instruction Manual: 132607
Web Configurator Instruction Manual (used with "Pro" and DX83 models): 134421
Host Controller Systems Instruction Manual: 132114
Configure the DIP Switches
Before making any changes to the DIP switch positions, disconnect the power. DIP switch changes will not be recognized if
power isn't cycled to the device. For devices with batteries integrated into the housing, remove the battery for at least one
minute.
For parameters not set via DIP switches, use the User Configuration Tool (UCT) to make configuration changes. For
parameters set using the DIP switches, the DIP switch positions override any changes made using the User Configuration
Tool.
Accessing the Internal DIP Switches
To access the internal DIP switches, follow these steps:
1. Unscrew the four screws that mount the cover to the bottom housing.
2. Remove the cover from the housing without damaging the ribbon cable or the pins the cable plugs into.
3. Gently unplug the ribbon cable from the board mounted into the bottom housing. For integrated battery models (no
ribbon cable) and Class I, Division 2 certified devices (ribbon cable is glued down), skip this step.
4. Remove the black cover plate from the bottom of the device's cover.
The DIP switches are located behind the rotary dials.
After making the necessary changes to the DIP switches, place the black cover plate back into
position and gently push into place. Plug the ribbon cable in after verifying that the blocked hole
lines up with the missing pin. Mount the cover back onto the housing.
DIP Switch Settings
These DIP switch settings are available with radio firmware versions 5.3 and higher.
Device Settings
Switches
1
2
3
4
5
6
7
8
Transmit power level: 1 Watt (30 dBm) (default)
OFF
Transmit power level: 250 mW (24 dBm), DX80
compatibility mode
ON
Modbus or UCT configured (overrides DIP switches
3-8) (default)
OFF
DIP switch configured
ON
Sensor 1: 6 registers (default)
OFF
OFF
OFF
Sensor 1: 3 registers
OFF
OFF
ON
Sample/Report Rates: 5 minutes (default)
OFF
OFF
OFF
Sample/Report Rates: 2 minutes
OFF
OFF
ON
Sample/Report Rates: 1 minute
OFF
ON
OFF
Sample/Report Rates: 30 seconds
OFF
ON
ON
Sample/Report Rates: 10 seconds
ON
OFF
OFF
Sure Cross® Performance Node
P/N 157189 Rev. I
www.bannerengineering.com - Tel: +1-763-544-3164
3


Similar Part No. - DX80N2X6S-P6

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80N2X1W-P6L BANNER-DX80N2X1W-P6L Datasheet
1Mb / 8P
   Sure Cross짰 Performance Node
More results

Similar Description - DX80N2X6S-P6

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
   Sure Cross짰 Performance Node
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
   Sure Cross짰 Wireless Q45VTP Node
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
   Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80ER9M-H BANNER-DX80ER9M-H Datasheet
1Mb / 15P
   Sure Cross® MultiHop Ethernet Data Radio
14 March 2022
logo
New Jersey Semi-Conduct...
2SK249 NJSEMI-2SK249 Datasheet
218Kb / 2P
   Superior Cross Modulation Performance
logo
Taoglas antenna solutio...
AGPSF.36C.07.0100C TAOGLAS-AGPSF.36C.07.0100C Datasheet
1Mb / 23P
   Taoglas Sure Technology
logo
Festo Corporation.
570038 FESTO-570038 Datasheet
80Kb / 2P
   Bus node
2735960 FESTO-2735960 Datasheet
90Kb / 2P
   Bus node
8087559 FESTO-8087559 Datasheet
70Kb / 2P
   Bus node
572555 FESTO-572555 Datasheet
78Kb / 2P
   Bus node
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com