Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX80N2X6S-P6 Datasheet(PDF) 6 Page - Banner Engineering Corp.

Part # DX80N2X6S-P6
Description  Sure Cross Performance Node
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DX80N2X6S-P6 Datasheet(HTML) 6 Page - Banner Engineering Corp.

  DX80N2X6S-P6 Datasheet HTML 1Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 2Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 3Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 4Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 5Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 6Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 7Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
I/O
Point
Modbus Registers
EIP Registers
I/O Type
Gateway
Any Node
7
7
7 + (Node# × 16)
6 + (Node# × 8)
Reserved
8
8
8 + (Node# × 16)
7 + (Node# × 8)
Device Message
...
Instance 112 / N14
15
15
15 + (Node# × 16)
6 + (Node# × 8)
Control Message
16
16
16 + (Node# × 16)
7 + (Node# × 8)
Reserved
Replacing the Integrated Battery (DX80 Models)
To replace the lithium "D" cell battery in any integrated housing model, follow these steps.
1. Remove the four screws mounting the face plate to the housing and remove the face plate.
2. Remove the discharged battery by pressing the battery toward the negative terminal to compress the spring. Pry up on
the battery’s positive end to remove from the battery holder.
3. Replace with a new battery. Only use a 3.6 V lithium battery from Xeno, model number XL-205F.
4. Verify the battery’s positive and negative terminals align to the positive and negative terminals of the battery holder
mounted within the case. The negative end is toward the spring.
Caution: There is a risk of explosion if the battery is replaced incorrectly.
5. After replacing the battery, allow up to 60 seconds for the device to power up.
6. Properly dispose of your used battery according to local regulations by taking it to a hazardous waste collection site, an
e-waste disposal center, or other facility qualified to accept lithium batteries.
As with all batteries, these are a fire, explosion, and severe burn hazard. Do not burn or
expose them to high temperatures. Do not recharge, crush, disassemble, or expose the
contents to water.
Replacement battery model number: BWA-BATT-001. For pricing and availability, contact
Banner Engineering.
Storage and Sleep Modes
Storage Mode (applies to battery-powered models only)—While in storage mode, the radio does not operate. All Sure
Cross® radios powered from an integrated battery ship from the factory in storage mode to conserve the battery. To wake
the device, press and hold button 1 for 5 seconds. To put any FlexPower® or integrated battery Sure Cross radio into
storage mode, press and hold button 1 for 5 seconds. The radio is in storage mode when the LEDs stop blinking, but in
some models, the LCD remains on for an additional minute after the radio enters storage mode. After a device has entered
storage mode, you must wait 1 minute before waking it.
Sleep Mode (applies to both battery and 10–30 V dc powered models)—During normal operation, the Sure Cross radio
devices enter sleep mode after 15 minutes of operation. The radio continues to function, but the LCD goes blank. To
wake the device, press any button.
Sure Cross® Performance Node
6
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 157189 Rev. I


Similar Part No. - DX80N2X6S-P6

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80N2X1W-P6L BANNER-DX80N2X1W-P6L Datasheet
1Mb / 8P
   Sure Cross짰 Performance Node
More results

Similar Description - DX80N2X6S-P6

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
   Sure Cross짰 Performance Node
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
   Sure Cross짰 Wireless Q45VTP Node
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
   Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80ER9M-H BANNER-DX80ER9M-H Datasheet
1Mb / 15P
   Sure Cross® MultiHop Ethernet Data Radio
14 March 2022
logo
New Jersey Semi-Conduct...
2SK249 NJSEMI-2SK249 Datasheet
218Kb / 2P
   Superior Cross Modulation Performance
logo
Taoglas antenna solutio...
AGPSF.36C.07.0100C TAOGLAS-AGPSF.36C.07.0100C Datasheet
1Mb / 23P
   Taoglas Sure Technology
logo
Festo Corporation.
570038 FESTO-570038 Datasheet
80Kb / 2P
   Bus node
2735960 FESTO-2735960 Datasheet
90Kb / 2P
   Bus node
8087559 FESTO-8087559 Datasheet
70Kb / 2P
   Bus node
572555 FESTO-572555 Datasheet
78Kb / 2P
   Bus node
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com