Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FB3501 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FB3501
Description  35 Amp. Glass Passivated Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FB3501 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FB3501 Datasheet HTML 1Page - List of Unclassifed Manufacturers FB3501 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VF ' instantaneous forward voltage (V)
Characteristic Curves
Tj = 25ºC
1000
500
100
50
10
5
1
0.5
0
FB35
Tamb, ambient temperature (°C)
IF (AV)´ average forward current (A)
60
50
40
30
20
10
60
100
120
150
140
120
Number of cycles at 50Hz
1
2
4
6 10
20
40
60 100
300
200
100
0
0
0.4
0.8
1.2
1.6
20
30
5 0
40
2 0
4 0
6 0
8 0 1 0 0
0
4 00
5 00
Interrelation between power dissipation and the max.
allowable ambient temperature.
10
TYPICAL FORWARD CHARACTERISTIC
MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
Jan - 00


Similar Part No. - FB3501

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
FB35T800 PULSE-FB35T800 Datasheet
310Kb / 2P
   BASE STATION ANTENNAS
FB35T800WA PULSE-FB35T800WA Datasheet
310Kb / 2P
   BASE STATION ANTENNAS
FB35T825 PULSE-FB35T825 Datasheet
310Kb / 2P
   BASE STATION ANTENNAS
FB35T825WA PULSE-FB35T825WA Datasheet
310Kb / 2P
   BASE STATION ANTENNAS
FB35T900 PULSE-FB35T900 Datasheet
310Kb / 2P
   BASE STATION ANTENNAS
More results

Similar Description - FB3501

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ3508L MCC-GBJ3508L Datasheet
591Kb / 3P
   35 Amp Glass Passivated Bridge Rectifier 800 Volts
Rev.3-3-05192022
logo
DONGGUAN YOU FENG WEI E...
GBPC3501 YFWDIODE-GBPC3501 Datasheet
462Kb / 3P
   35 A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Micro Commercial Compon...
GBJ35005 MCC-GBJ35005 Datasheet
76Kb / 3P
   35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ35005 MCC-GBJ35005_11 Datasheet
236Kb / 3P
   35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ35005 MCC-GBJ35005_08 Datasheet
107Kb / 3P
   35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJL35005 MCC-GBJL35005 Datasheet
502Kb / 3P
   35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ35005 MCC-GBJ35005_17 Datasheet
238Kb / 3P
   35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Bytesonic Electronics C...
GBPC35005 BYTESONIC-GBPC35005 Datasheet
579Kb / 2P
   SINGLE PHASE 35 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
B40C1500R ETC1-B40C1500R Datasheet
20Kb / 2P
   1.5 Amp. Glass Passivated Bridge Rectifier
TL400G ETC2-TL400G Datasheet
127Kb / 4P
   4 AMP Glass Passivated Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com