Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22050ZI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY22050ZI
Description  One-PLL General Purpose Flash Programmable Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22050ZI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY22050ZI Datasheet HTML 1Page - Cypress Semiconductor CY22050ZI Datasheet HTML 2Page - Cypress Semiconductor CY22050ZI Datasheet HTML 3Page - Cypress Semiconductor CY22050ZI Datasheet HTML 4Page - Cypress Semiconductor CY22050ZI Datasheet HTML 5Page - Cypress Semiconductor CY22050ZI Datasheet HTML 6Page - Cypress Semiconductor CY22050ZI Datasheet HTML 7Page - Cypress Semiconductor CY22050ZI Datasheet HTML 8Page - Cypress Semiconductor CY22050ZI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY22050
Document #: 38-07006 Rev. *D
Page 3 of 9
chip. Reducing capacitive clock output loading to a minimum
lowers current spikes on the clock edges and thus reduces
jitter.
Reducing the total number of active outputs will also reduce
jitter in a linear fashion. However, it is better to use two outputs
to drive two loads than one output to drive two loads.
The rate and magnitude that the PLL corrects the VCO
frequency is directly related to jitter performance. If the rate is
too slow, then long term jitter and phase noise will be poor.
Therefore, to improve long-term jitter and phase noise,
reducing Q to a minimum is advisable. This technique will
increase the speed of the phase frequency detector, which in
turn drives the input voltage of the VCO. In a similar manner,
increasing P until the VCO is near its maximum rated speed
will also decrease long term jitter and phase noise. For
example: input reference of 12 MHz; desired output frequency
of 33.3 MHz. One might arrive at the following solution: Set
Q = 3, P = 25, Post Div = 3. However, the best jitter results will
be Q = 2, P = 50, Post Div = 9.
For additional information, refer to the application note, “Jitter
in PLL-based Systems: Causes, Effects, and Solutions,”
available at http://www.cypress.com (click on “Application
Notes”), or contact your local Cypress Field Applications
Engineer.
CY22050 Frequency Calculation
The CY22050 is an extremely flexible clock generator with up
to six individual outputs, generated from an integrated PLL.
There are four variables used to determine the final output
frequency. They are: the input REF, the P and Q dividers, and
the post divider. The three basic formulas for determining the
final output frequency of a CY22150-based design are:
• CLK = ((REF * P)/Q)/Post Divider
• CLK = REF/Post Divider
•CLK = REF
The basic PLL block diagram is shown in Figure 1. Each of the
six clock outputs has a total of seven output options available
to it. There are six post divider options: /2 (two of these), /3, /4,
/DIV1N, and DIV2N. DIV1N and DIV2N are separately calcu-
lated and can be independent of each other. The post divider
options can be applied to the calculated PLL frequency or to
the REF directly.
In addition to the six post divider options, the seventh option
bypasses the PLL and passes the REF directly to the cross-
point switch matrix.
Clock Output Settings: Crosspoint Switch
Matrix
Each of the six clock outputs can come from any of seven
unique frequency sources. The crosspoint switch matrix
defines which source is attached to each individual clock
output. Although it may seem that there are an unlimited
number of divider options, there are several rules that should
be taken into account when selecting divider options.
Clock Output Divider
Definition and Notes
None
Clock output source is the reference input frequency
/DIV1N
Clock output uses a generated /DIV1N option from Divider Bank 1. Allowable values for DIV1N are
4 to 127. If Divider Bank 1 is not being used, set DIV1N to 8.
/2
Clock output uses a fixed /2 option from Divider Bank 1. If this option is used, DIV1N must be divisible
by 4.
/3
Clock output uses a fixed /3 option from Divider Bank 1. If this option is used, set DIV1N to 6.
/DIV2N
Clock output uses a generated /DIV2N option from Divider Bank 2. Allowable values for DIV2N are
4 to 127. If Divider Bank 2 is not being used, set DIV2N to 8.
/2
Clock output uses a fixed /2 option from Divider Bank 2. If this option is used, DIV2N must be divisible
by 4.
/4
Clock output 2 uses a fixed /4 option from Divider Bank 2. If this option is used, DIV2N must be
divisible by 8.
Q
VCO
P
/2
/3
/2
LCLK1
LCLK2
LCLK3
LCLK4
CLK5
CLK6
Crosspoint
Switch
REF
PFD
Divider Bank 1
/4
Divider Bank 2
/DIV1N
/DIV2N
Matrix
Figure 1. Basic PLL Block Diagram


Similar Part No. - CY22050ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22050 CYPRESS-CY22050 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22050 CYPRESS-CY22050 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
CY220501 CYPRESS-CY220501 Datasheet
282Kb / 10P
   One-PLL General Purpose Flash Programmable Clock Generator
CY220501 CYPRESS-CY220501 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
CY220501KFZXI CYPRESS-CY220501KFZXI Datasheet
282Kb / 10P
   One-PLL General Purpose Flash Programmable Clock Generator
More results

Similar Description - CY22050ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22050 CYPRESS-CY22050_11 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
CY22050 CYPRESS-CY22050_09 Datasheet
282Kb / 10P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22150 CYPRESS-CY22150_11 Datasheet
443Kb / 18P
   One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com