Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22050ZC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY22050ZC
Description  One-PLL General Purpose Flash Programmable Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22050ZC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY22050ZC Datasheet HTML 1Page - Cypress Semiconductor CY22050ZC Datasheet HTML 2Page - Cypress Semiconductor CY22050ZC Datasheet HTML 3Page - Cypress Semiconductor CY22050ZC Datasheet HTML 4Page - Cypress Semiconductor CY22050ZC Datasheet HTML 5Page - Cypress Semiconductor CY22050ZC Datasheet HTML 6Page - Cypress Semiconductor CY22050ZC Datasheet HTML 7Page - Cypress Semiconductor CY22050ZC Datasheet HTML 8Page - Cypress Semiconductor CY22050ZC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CY22050
Document #: 38-07006 Rev. *D
Page 2 of 9
Functional Description
The CY22050 is the next-generation programmable FTG
(frequency timing generator) for use in networking, telecom-
munication, datacom, and other general-purpose applications.
The CY22050 offers up to six configurable outputs in a 16-pin
TSSOP, running off a 3.3V power supply. The on-chip
reference oscillator is designed to run off an 8–30-MHz crystal,
or a 1–133-MHz external clock signal.
The CY22050 has a single PLL driving 6 programmable output
clocks. The output clocks are derived from the PLL or the
reference frequency (REF). Output post dividers are available
for either. Four of the outputs can be set as 3.3V or 2.5V, for
use in a wide variety of portable and low-power applications.
Field Programming the CY22050F
The CY22050 is programmed at the package level, i.e., in a
programmer socket. The CY22050 is flash-technology based,
so the parts can be reprogrammed up to 100 times. This allows
for fast and easy design changes and product updates, and
eliminates any issues with old and out-of-date inventory.
Samples and small prototype quantities can be programmed
on the CY3672 programmer. Cypress’s value-added distri-
bution partners and third-party programming systems from BP
Microsystems, HiLo Systems, and others are available for
large-production quantities.
CyClocksRT
 Software
CyClocksRT™ is an easy-to-use software application that
allows the user to custom-configure the CY22050. Users can
specify the REF, PLL frequency, output frequencies and/or
post-dividers, and different functional options. CyClocksRT
outputs
an
industry-standard
JEDEC
file
used
for
programming the CY22050.
CyClocksRT can be downloaded free of charge from the
Cypress website at http://www.cypress.com.
CY3672 FTG Development Kit
The Cypress CY3672 FTG Development Kit comes complete
with everything needed to design with the CY22050 and
program samples and small prototype quantities. The kit
comes with the latest version of CyClocksRT and a small
portable programmer that connects to a PC serial port for
on-the-fly programming of custom frequencies.
The JEDEC file output of CyClocksRT can be downloaded to
the portable programmer for small-volume programming, or
for use with a production programming system for larger
volumes.
Applications
Controlling Jitter
Jitter is defined in many ways, including: phase noise,
long-term jitter, cycle-to-cycle jitter, period jitter, absolute jitter,
and deterministic jitter. These jitter terms are usually given in
terms of rms, peak-to-peak, or in the case of phase noise
dBC/Hz with respect to the fundamental frequency. Actual
jitter is dependent on XIN jitter and edge rate, number of active
outputs, output frequencies, VDDL (2.5V or 3.3V), temperature,
and output load.
Power supply noise and clock output loading are two major
system sources of clock jitter. Power supply noise can be
mitigated by proper power supply decoupling (0.1-
µF ceramic
cap) of the clock and ensuring a low-impedance ground to the
CY22050 Pin Summary
Name
Pin Number
Description
XIN
1
Reference Input. Driven by a crystal (8 MHz–30 MHz) or external clock (1 MHz–133 MHz).
Programmable input load capacitors allow for maximum flexibility in selecting a crystal, based
on manufacturer, process, performance, or quality.
VDD
2
3.3V voltage supply
AVDD
3
3.3V analog voltage supply
PWRDWN[1]
4
Power Down. When pin 4 is driven LOW, the CY22050 will go into shut-down mode.
AVSS
5
Analog ground
VSSL
6
LCLK ground
LCLK1
7
Configurable clock output 1 at VDDL level (3.3V or 2.5V)
LCLK2
8
Configurable clock output 2 at VDDL level (3.3V or 2.5V)
LCLK3
9
Configurable clock output 3 at VDDL level (3.3V or 2.5V)
OE[1]
10
Output Enable. When pin 10 is driven LOW, all outputs are three-stated.
VDDL
11
LCLK voltage supply (2.5V or 3.3V)
LCLK4
12
Configurable clock output 4 at VDDL level (3.3V or 2.5V)
VSS
13
Ground
CLK5
14
Configurable clock output 5 (3.3V)
CLK6
15
Configurable clock output 6 (3.3V)
XOUT[2]
16
Reference output
Notes:
1. The CY22050 has no internal pull-up or pull-down resistors. PWRDWN and OE pins need to be driven as appropriate or tied to power or ground.
2. Float XOUT if XIN is driven by an external clock source.


Similar Part No. - CY22050ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22050 CYPRESS-CY22050 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22050 CYPRESS-CY22050 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
CY220501 CYPRESS-CY220501 Datasheet
282Kb / 10P
   One-PLL General Purpose Flash Programmable Clock Generator
CY220501 CYPRESS-CY220501 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
CY220501KFZXI CYPRESS-CY220501KFZXI Datasheet
282Kb / 10P
   One-PLL General Purpose Flash Programmable Clock Generator
More results

Similar Description - CY22050ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22050 CYPRESS-CY22050_11 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
CY22050 CYPRESS-CY22050_09 Datasheet
282Kb / 10P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22150 CYPRESS-CY22150_11 Datasheet
443Kb / 18P
   One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com