Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTV32 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DTV32
Description  High Voltage Damper Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DTV32 Datasheet(HTML) 1 Page - Vishay Siliconix

  DTV32 Datasheet HTML 1Page - Vishay Siliconix DTV32 Datasheet HTML 2Page - Vishay Siliconix DTV32 Datasheet HTML 3Page - Vishay Siliconix DTV32 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VISHAY
DTV32 & DTV32F
Document Number 88575
02-Nov-04
Vishay Semiconductors
www.vishay.com
1
TO-220AC
ITO-220AC
PIN 1
PIN 2
CASE
PIN 1
PIN 2
1
2
1
2
DTV32
DTV32F
High Voltage Damper Diodes
Major Ratings and Characteristics
Features
• Glass passivated chip junction
• High breakdown voltage capability
• Very fast reverse recovery time
IF(AV)10 A
VRRM
1500 V
trr
175 ns
tfr
280 ns
VF
1.35 V
• Fast forward recovery time
• High efficiency, low switching losses
• Meets MSL level 1, per J-STD-020C
Typical Applications
For use in high resolution display TV and monitor hor-
izontal deflection application
Mechanical Data
Case: JEDEC TO-220AC, ITO-220AC
Terminals: Matte tin plated (E3 Suffix) leads, solder-
able per J-STD-002B and MIL-STD-750, Method
2026
Mounting Torque: 10 in-lbs Maximum
Epoxy meets UL-94V-0 Flammability rating
Maximum Ratings
(TC = 25 °C unless otherwise noted)
Parameter
Test condition
Symbol
Value
Unit
Maximum repetitive peak
reverse voltage
VRRM
1500
V
Maximum RMS voltage
VRMS
1050
V
Maximum DC blocking voltage
VDC
1500
V
Maximum average forward
rectified current (fig. 1)
IF(AV)
10
A
Peak forward surge current
8.3 ms single half sine-wave
superimposed on rated load
(JEDEC Method) at TC = 100 °C
IFSM
130
A
Operating junction and storage
temperature range
TJ, TSTG
-55 to +150
°C
RMS Isolation voltage (DTV32F
types only) from terminals to
heatsink
with t = 1.0 second, RH
≤ 30 %
VISOL
4500(1)
3500(2)
1500(3)
V


Similar Part No. - DTV32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DTV32 STMICROELECTRONICS-DTV32 Datasheet
141Kb / 10P
   CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
logo
Vishay Siliconix
DTV32 VISHAY-DTV32 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 07-Nov-07
DTV32 VISHAY-DTV32 Datasheet
123Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
DTV32-E3-45 VISHAY-DTV32-E3-45 Datasheet
123Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
DTV32-E3/45 VISHAY-DTV32-E3/45 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 07-Nov-07
More results

Similar Description - DTV32

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS459-1500 VISHAY-BYS459-1500 Datasheet
47Kb / 3P
   High Voltage Damper Diodes
25-Jul-02
BYS459-1500S VISHAY-BYS459-1500S_07 Datasheet
142Kb / 5P
   High Voltage Damper Diodes
Revision: 06-Nov-07
DTV32 VISHAY-DTV32_11 Datasheet
123Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
BYS459-1500S VISHAY-BYS459-1500S_11 Datasheet
124Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
DTV56 VISHAY-DTV56 Datasheet
141Kb / 5P
   High Voltage Damper Diodes
Revision: 07-Nov-07
DTV56 VISHAY-DTV56_11 Datasheet
126Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
BYS459-1500S VISHAY-BYS459-1500S Datasheet
45Kb / 3P
   High Voltage Damper Diodes
30-Jul-02
DTV32 VISHAY-DTV32_08 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 07-Nov-07
BYS459-1500 VISHAY-BYS459-1500_07 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 06-Nov-07
logo
STMicroelectronics
AN874 STMICROELECTRONICS-AN874 Datasheet
47Kb / 3P
   HIGH FREQUENCIES DAMPER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com