Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVX257 Datasheet(PDF) 1 Page - STMicroelectronics

Part No. 74LVX257
Description  LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX257 Datasheet(HTML) 1 Page - STMicroelectronics

  74LVX257 Datasheet HTML 1Page - STMicroelectronics 74LVX257 Datasheet HTML 2Page - STMicroelectronics 74LVX257 Datasheet HTML 3Page - STMicroelectronics 74LVX257 Datasheet HTML 4Page - STMicroelectronics 74LVX257 Datasheet HTML 5Page - STMicroelectronics 74LVX257 Datasheet HTML 6Page - STMicroelectronics 74LVX257 Datasheet HTML 7Page - STMicroelectronics 74LVX257 Datasheet HTML 8Page - STMicroelectronics 74LVX257 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
July 2001
s
HIGH SPEED:
tPD=5.8ns (TYP.) at VCC = 3.3V
s
5V TOLERANT INPUTS
s
POWER-DOWN PROTECTION ON INPUTS
s
INPUT VOLTAGE LEVEL:
VIL = 0.8V, VIH = 2V at VCC =3V
s
LOW POWER DISSIPATION:
ICC = 4 µA (MAX.) at TA=25°C
s
LOW NOISE:
VOLP = 0.3V (TYP.) at VCC =3.3V
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4 mA (MIN) at VCC =3V
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 3.6V (1.2V Data Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 257
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74LVX257 is a low voltage CMOS QUAD 2
CHANNEL MULTIPLEXER (3-STATE) fabricated
with sub-micron silicon gate and double-layer
metal wiring C2MOS technology. It is ideal for low
power, battery operated and low noise 3.3V
applications.
It is composed of four independent 2-channel
multiplexers with common SELECT and ENABLE
(OE) INPUT. The 74LVX257 is a non-inverting
multiplexer. When the ENABLE INPUT is
held
"High", all outputs become in high impedance
state. If SELECT INPUT is held "Low", "A" data is
selected, when
SELECT INPUT is "High", "B"
data is chosen.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage.
This device can be used to interface 5V to 3V. It
combines high speed performance with the true
CMOS low power consumption.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74LVX257
LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER
(3-STATE) WITH 5V TOLERANT INPUTS
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
SOP
74LVX257M
74LVX257MTR
TSSOP
74LVX257TTR
TSSOP
SOP


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL