Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12FTH3Q Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # M12FTH3Q
Description  Sure Cross짰 Temperature and Humidity Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

M12FTH3Q Datasheet(HTML) 1 Page - Banner Engineering Corp.

  M12FTH3Q Datasheet HTML 1Page - Banner Engineering Corp. M12FTH3Q Datasheet HTML 2Page - Banner Engineering Corp. M12FTH3Q Datasheet HTML 3Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
The Sure Cross® Temperat ure and Humidit y Sensor works in a variet y of environment s t o provide t emperat ure and
humidit y measurement s.
M anufact ured wit h a robust met al housing
Functions as a Modbus slave device via RS-485
Ships wit h aluminum grill
filter cap; optional stainless steel 10 micrometer sintered filter available separately
W ARNING: Not To Be Used for Personnel
Protection
Never use this device as a sensing device for personnel
protection. Doing so could lead to
serious injury or death.
This device does not include t he self-checking redundant circuit ry
necessary t o allow it s use in personnel safet y
applications. A sensor failure or malfunction can
cause eit her an energized or de-energized sensor out put
condition.
For
additional information, updated documentation, and a list of accessories, refer to Banner Engineering's website,
www.bannerengineering.com/ wireless.
Configure this sensor using the Sensor Configuration Tool and adapter cable BWA-HW-006 (datasheet 140377).
Banner Humidity Sensor
Calibration Statement. This calibration statement (also available online) lists the chain with which the
calibration of Banner humidity sensors is traceable to NIST standards. A Certificate of Factory Calibration ships with every temperature/
humidit y or t emperat ure sensor. Alt hough your
certificate will be specific to your product, a sample certificate is available for download.
M odels
M odels
Power Requirements
I/ O
M 12FTH3Q
3.6 t o 5.5 V dc low power
option or 12 to 24 V dc
Temperat ure and
relative humidity via RS-485 Modbus
M 12FT3Q
Temperat ure via RS-485 M odbus
Connecting the Temperature/ Humidity Sensor
To inst all t he sensor t o a device wit h a 5-pin Euro-st yle female end, follow t hese
instructions:
1. Align t he not ch in t he female connect or wit h t he key in t he sensor’s male
connect or.
2. Gent ly slide t he sensor end int o t he connect or.
3. Rot at e t he t hreaded nut t o
tighten the sensor down. DO NOT attempt to
rot at e t he sensor
after it is connected to the device or the cable end
because t his will damage t he sensor.
Female end
Threaded nut
Male end
W iring
5-pin M 12/ Euro-style M ale
Connector
Pin
W ire Color
Sensor
Connection
1
4
5
3
2
1
Brown
Power IN (+). Eit her 3.6–5.5 V dc (Low Power M ode) or 12–24 V dc
2
Whit e
RS485 / D1 / B / +
3
Blue
Ground (-)
4
Black
RS485 / D0 / A / –
Sure Cross® Temperature and Humidity Sensor
Original Document
163751 Rev. H
20 November 2017
163751


Similar Part No. - M12FTH3Q

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
M12FTH3Q BANNER-M12FTH3Q Datasheet
806Kb / 6P
   U-GAGE K50U Ultrasonic Sensor
M12FTH3Q BANNER-M12FTH3Q Datasheet
386Kb / 4P
   Sure Cross짰 Temperature and Humidity Sensor
More results

Similar Description - M12FTH3Q

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
   Sure Cross짰 Temperature and Humidity Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
   Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
   Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
K50U BANNER-K50U Datasheet
806Kb / 6P
   Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
   Sure Cross짰 Performance Node
DB9 BANNER-DB9 Datasheet
177Kb / 2P
   Sure Cross짰 DB9 Splitter Cable
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
   Sure Cross짰 Wireless Q45VTP Node
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com