Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US6X8 Datasheet(PDF) 2 Page - Rohm

Part # US6X8
Description  General purpose amplification (30V, 1A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

US6X8 Datasheet(HTML) 2 Page - Rohm

  US6X8 Datasheet HTML 1Page - Rohm US6X8 Datasheet HTML 2Page - Rohm US6X8 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
US6X8
Transistors
Rev.B
2/2
Packaging specifications
Package
Code
Basic ordering unit (pieces)
TR
3000
Type
US6X8
Electrical characteristic curves
0.001
0.01
0.1
1
COLLECTOR CURRENT : IC (A)
10
100
1000
Ta
=25°C
Ta
=−40°C
Ta
=100°C
VCE
=2V
Pulsed
Fig.1 DC current gain
vs. collector current
0.001
0.01
0.1
1
COLLECTOR CURRENT : IC (A)
0.1
0.01
10
1
Ta
=25°C
Ta
=25°C
Ta
=−40°C
Ta
=−40°C
Ta
=100°C
Ta
=100°C
VBE(sat)
VCE(sat)
IC/IB
=20
Pulsed
IC/IB
=20/1
Pulsed
Fig.2 Collector-emitter saturation voltage
base-emitter saturation voltage
vs. collector current
0.001
0.01
0.1
1
COLLECTOR CURRENT : IC (A)
0.001
0.01
0.1
10
1
Ta
=25°C
VCE
=2V
IC/IB
=50/1
IC/IB
=20/1
IC/IB
=10/1
Fig.3 Collector-emitter saturation voltage
vs. collector current
0
0.001
0.01
0.1
1
BASE TO EMITTER VOLTAGE : VBE
(V)
1.5
1.0
0.5
VCE
=2V
Pulsed
Ta
=25°C
Ta
=−40°C
Ta
=100°C
Fig.4 Grounded emitter propagation
characteristics
0.01
0.1
1
EMITTER CURRENT : IE (A)
10
100
1000
VCE
=2V
Ta
=25°C
f
=100MHz
Fig.5 Gain bandwidth product
vs. emitter current
0.01
0.1
1
COLLECTOR CURRENT : IC (A)
Fig.6 Switching time
1
10
100
1000
Ta
=25°C
VCE
=5V
IC/IB
=20/1
tstg
tdon
tr
tf
0.01
0.1
1
10
100
EMITTER TO BASE VOLTAGE : VEB (V)
COLLECTOR TO BASE VOLTAGE : VCB (V)
1
10
100
Cib
Cob
IC
=0A
f
=1MHz
Ta
=25°C
Fig.7 Collector output capacitance
vs. collector-base voltage
Emitter input capacitance
vs. emitter-base voltage


Similar Part No. - US6X8

ManufacturerPart #DatasheetDescription
logo
Rohm
US6X8 ROHM-US6X8 Datasheet
75Kb / 3P
   General purpose amplification (30V, 1A)
US6X8 ROHM-US6X8_1 Datasheet
75Kb / 3P
   General purpose amplification (30V, 1A)
More results

Similar Description - US6X8

ManufacturerPart #DatasheetDescription
logo
Rohm
US6T9 ROHM-US6T9 Datasheet
106Kb / 3P
   General purpose amplification (-30V, -1A)
2SD2656 ROHM-2SD2656 Datasheet
75Kb / 3P
   General purpose amplification (30V, 1A)
QSX8 ROHM-QSX8 Datasheet
69Kb / 3P
   General purpose amplification (30V, 1A)
BSS4130 ROHM-BSS4130 Datasheet
1Mb / 10P
   General purpose amplification (30V, 1A)
2SD2675 ROHM-2SD2675_1 Datasheet
74Kb / 3P
   General purpose amplification (30V, 1A)
logo
Littelfuse
2SD2675TL LITTELFUSE-2SD2675TL Datasheet
62Kb / 3P
   General purpose amplification (30V, 1A)
logo
Rohm
2SB1694 ROHM-2SB1694 Datasheet
67Kb / 2P
   General purpose amplification (-30V, -1A)
BSS5130 ROHM-BSS5130 Datasheet
1Mb / 10P
   General purpose amplification (-30V, -1A)
2SD2675 ROHM-2SD2675 Datasheet
90Kb / 3P
   General purpose amplification (30V, 1A)
US6X8 ROHM-US6X8_1 Datasheet
75Kb / 3P
   General purpose amplification (30V, 1A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com