Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10SX1405 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC10SX1405
Description  155Mb/s / 622Mb/s Transmitter (Multiplexer) with Clock Generation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10SX1405 Datasheet(HTML) 6 Page - Motorola, Inc

  MC10SX1405 Datasheet HTML 1Page - Motorola, Inc MC10SX1405 Datasheet HTML 2Page - Motorola, Inc MC10SX1405 Datasheet HTML 3Page - Motorola, Inc MC10SX1405 Datasheet HTML 4Page - Motorola, Inc MC10SX1405 Datasheet HTML 5Page - Motorola, Inc MC10SX1405 Datasheet HTML 6Page - Motorola, Inc MC10SX1405 Datasheet HTML 7Page - Motorola, Inc MC10SX1405 Datasheet HTML 8Page - Motorola, Inc MC10SX1405 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC10SX1405
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
6
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC, VCCO,
VCCT, AVCC
Power Supply (VEE, VEET, AVEE, GVEE = 0V)
–0.5 to +6.5
V
VIN
Input Voltage (VEE, VEET, AVEE, GVEE = 0V)
–0.5 to +6.5
V
IOUT
PECL Output Current
Continuous
Surge
50
100
mA
IOUT–TTL
TTL Output Current
5
mA
TSTG
Storage Temperature
–50 to +175
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the
Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC, VCCO,
VCCT, AVCC
Power Supply (VEE, VEET, AVEE, GVEE = 0V)
5V
±5%
V
ICC
Device Current Drain
100
mA
TA
Operating Temperature
–40 to +85
°C
TJ
Junction Temperature
125
°C
TTL DC CHARACTERISTICS (VCC = VCCT = VCCO = AVCC = 5.0V
±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
IIH
Input HIGH Current
20
µA
VIN = VCC
IIL
Input LOW Current
–0.6
mA
VIN = 0.5V
VOH
Output HIGH Voltage
REP, ROD
EDO, OOL
2.5
2.5
V
IOH = –2mA
IOH = –300
µA
VOL
Output LOW Voltage
0.5
V
IOL = 5mA
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
IOZ
Tri–State Current
±50
µA
100E PECL DC CHARACTERISTICS (VCC = VCCT = VCCO = AVCC = 5.0V
±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
IIH
Input HIGH Current
200
mA
IIL
Input LOW Current
0.5
mA
VOH
Output HIGH Voltage
3.98
4.19
V
NOTE 1.
VOL
Output LOW Voltage
3.19
3.45
V
NOTE 1.
VIH
Input HIGH Voltage
3.93
4.19
V
NOTE 1.
VIL
Input LOW Voltage
3.19
3.43
V
NOTE 1.
1. PECL levels are referenced to VCC and will vary 1:1 with the Power Supply. The Outputs are loaded with an equivalent 50
Ω termination to +3.0V.
The values shown are for VCC = VCCT = VCCO = AVCC = 5.0V.


Similar Part No. - MC10SX1405

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10SX1125 ONSEMI-MC10SX1125 Datasheet
81Kb / 5P
   FIBER OPTIC POST AMPLIFIER
1996 REV 1
MC10SX1130 ONSEMI-MC10SX1130 Datasheet
106Kb / 8P
   LED DRIVER
1996 REV 1
MC10SX1130 ONSEMI-MC10SX1130 Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130D ONSEMI-MC10SX1130D Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130DG ONSEMI-MC10SX1130DG Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
More results

Similar Description - MC10SX1405

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8116 VITESSE-VSC8116 Datasheet
358Kb / 20P
   ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
logo
Greystone Energy System...
RH100S GREYSTONE-RH100S Datasheet
197Kb / 2P
   S/S SURFACE HUMIDITY TRANSMITTER
logo
Integrated Circuit Syst...
M830 ICST-M830 Datasheet
169Kb / 6P
   12.249Gb/s OC-192 Clock & Data Recovery Transmitter Module
logo
California Eastern Labs
NR7800 CEL-NR7800 Datasheet
211Kb / 5P
   InGaAs PIN-PD IN COAXIAL PACKAGE FOR 155Mb/s AND 622 Mb/s APPLICATIONS
logo
Vitesse Semiconductor C...
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB VITESSE-VSC8113QB Datasheet
484Kb / 28P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8117 VITESSE-VSC8117 Datasheet
406Kb / 22P
   ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
logo
Agere Systems
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
   ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
logo
Keysight Technologies
M8061A KEYSIGHT-M8061A Datasheet
1Mb / 13P
   M8061A 32 Gb/s Multiplexer with De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com