Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-80836CLMC-B6VT2X Datasheet(PDF) 35 Page - ABLIC Inc.

Part No. S-80836CLMC-B6VT2X
Description  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-80836CLMC-B6VT2X Datasheet(HTML) 35 Page - ABLIC Inc.

Back Button S-80836CLMC-B6VT2X Datasheet HTML 31Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 32Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 33Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 34Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 35Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 36Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 37Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 38Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 39Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
S-808xxC Series
35
VIH
Output voltage
Input voltagae
VIL
VDD
tpHL
tpLH
VIH10 V, VIL0.95 V
1
s
1
s
VDD10 %
VDD90 %
OUT
VSS
VDD
S-808xxC
Series
V
R
*1
100 k
COUT
VDD
V
*1. R is unnecessary for CMOS output products.
Figure 25 Measurement Condition for Response Time
Figure 26 Measurement Circuit for Response Time
Caution The above connection diagram and constants do not guarantee correct operation. Perform
sufficient evaluation using the actual application to set the constants.
Application Circuit Examples
1. Microcomputer Reset Circuits
If the power supply voltage to a microcomputer falls below the specified level, an unspecified operation may
be performed or the contents of the memory register may be lost. When power supply voltage returns to
normal, the microcomputer needs to be initialized before normal operations can be done.
Reset circuits protect microcomputers in the event of current being momentarily switched off or lowered.
Reset circuits shown in Figures 27 to 28 can be easily constructed with the help of the S-808xxC series,
that has low operating voltage, a high-precision detection voltage and hysteresis.
VSS
VDD
Microcomputer
S-
808xxCL
VSS
(Only for Nch open-drain products)
VDD1
VDD2
Microcomputer
S-
808xxCN
Figure 27 Reset Circuit Example(S-808xxCL)
Figure 28 Reset Circuit Example (S-808xxCN)
Caution The above connection diagram and constants do not guarantee correct operation. Perform
sufficient evaluation using the actual application to set the constants.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn