Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-80836CLMC-B6VT2X Datasheet(PDF) 31 Page - ABLIC Inc.

Part No. S-80836CLMC-B6VT2X
Description  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-80836CLMC-B6VT2X Datasheet(HTML) 31 Page - ABLIC Inc.

Back Button S-80836CLMC-B6VT2X Datasheet HTML 27Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 28Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 29Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 30Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 31Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 32Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 33Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 34Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 35Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
S-808xxC Series
31
3. Current Consumption (ISS) - Input Voltage (VDD)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
1.0
2.0
3.0
4.0
5.0
6.0
VDD (V)
S-80808CL
9.3
A
Ta=25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
1.0
2.0
3.0
4.0
5.0
6.0
VDD (V)
S-80814CL
21.5
A
Ta=25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
2.0
4.0
6.0
8.0
10.0
12.0
VDD (V)
S-80815CL
4.7
A
Ta=25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
2.0
4.0
6.0
8.0
10.0
12.0
VDD (V)
S-80860CL
12.8
A
Ta=25°C
4. Current Consumption (ISS) - Temperature (Ta)
0.0
0.5
1.0
1.5
2.0
-40
-20
0
20
40
60
80
Ta (°C)
S-80808CL
VDD1.5 V
0.0
0.5
1.0
1.5
2.0
-40
-20
0
20
40
60
80
Ta (°C)
S-80814CL
VDD2.0 V
0.0
0.5
1.0
1.5
2.0
-40
-20
0
20
40
60
80
Ta (°C)
S-80815CL
VDD3.5 V
0.0
0.5
1.0
1.5
2.0
-40
-20
0
20
40
60
80
Ta (°C)
S-80860CL
VDD7.5 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn