Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-80836CLMC-B6VT2X Datasheet(PDF) 29 Page - ABLIC Inc.

Part No. S-80836CLMC-B6VT2X
Description  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-80836CLMC-B6VT2X Datasheet(HTML) 29 Page - ABLIC Inc.

Back Button S-80836CLMC-B6VT2X Datasheet HTML 25Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 26Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 27Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 28Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 29Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 30Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 31Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 32Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 33Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
S-808xxC Series
29
3. S-80846KNUA-D2CT2x, S-80846KNY-n2-U
Table 20
(Ta
 25 C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
circuit
Detection voltage
*1
VDET
4.500
4.600
*2
4.700
V
1
Hysteresis width
VHYS
0.05
0.10
V
1
Current consumption
ISS
VDD  6.0 V
0.9
2.7
A
2
Operating voltage
VDD
0.95
10.0
V
1
Output current
IOUT
Output transistor,
Nch, VDS  0.5 V
VDD  1.2 V
0.59
1.36
mA
3
VDD  2.4 V
2.88
4.98
mA
3
Leakage current
ILEAK
Output transistor,
Nch, VDD  10.0 V, VDS  10.0 V
0.1
A
3
Response time
tPLH
60
s
1
Detection voltage
temperature
coefficient
*3
DET
DET
V
Ta
V
Ta
 40 to 85 °C
100
350 ppm/°C
1
*1.
VDET: Actual detection voltage value
*2. Specified detection voltage value (
VDET(S))
*3. The temperature change of the detection voltage [mV/°C] is calculated by using the following equation.



 1000
C
ppm/
V
Ta
V
V
Typ.
V
C
mV/
Ta
V
DET
DET
DET(S)
DET
3
*
2
*
*1
*1.
Temperature change of the detection voltage
*2.
Specified detection voltage
*3.
Detection voltage temperature coefficient
Precautions
 Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in
electrostatic protection circuit.
 In CMOS output products of the S-808xxC series, the through-type current flows at the detection and the
release. If the input impedance is high, oscillation may occur due to the voltage drop by the through-type
current during releasing.
 In CMOS output products oscillation may occur when a pull-down resistor is used, and falling speed of the
power supply voltage (VDD) is slow near the detection voltage.
 When designing for mass production using an application circuit described herein, the product deviation and
temperature characteristics should be taken into consideration. ABLIC Inc. shall not bear any responsibility
for the products on the circuits described herein.
 ABLIC Inc. claims no responsibility for any and all disputes arising out of or in connection with any
infringement of the products including this IC upon patents owned by a third party.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn