Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-80836CLMC-B6VT2X Datasheet(PDF) 28 Page - ABLIC Inc.

Part No. S-80836CLMC-B6VT2X
Description  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-80836CLMC-B6VT2X Datasheet(HTML) 28 Page - ABLIC Inc.

Back Button S-80836CLMC-B6VT2X Datasheet HTML 24Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 25Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 26Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 27Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 28Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 29Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 30Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 31Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 32Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808xxC Series
Rev.6.2_02
28
2. S-80844KLUA-D2AT2x, S-80844KLY-n2-U
Table 19
(Ta
 25 C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
circuit
Detection voltage
*1
VDET
4.295
4.450
*2
4.605
V
1
Release voltage
VDET
4.700
V
1
Current consumption
ISS
VDD  6.0 V
1.0
3.0
A
2
Operating voltage
VDD
0.95
10.0
V
1
Output current
IOUT
Output transistor,
Nch, VDS  0.5 V
VDD  1.2 V
0.23
0.50
mA
3
VDD  2.4 V
1.60
3.70
mA
3
Output transistor,
Pch, VDS  0.5 V
VDD  4.8 V
0.36
0.62
mA
4
Response time
tPLH
60
s
1
Detection voltage
temperature
coefficient
*3
DET
DET
V
Ta
V
Ta
 40 to 85 °C
100
350
ppm/°C
1
*1.
VDET: Actual detection voltage value
*2.
Specified detection voltage value (
VDET(S))
*3.
The temperature change of the detection voltage [mV/°C] is calculated by using the following equation.



 1000
C
ppm/
V
Ta
V
V
Typ.
V
C
mV/
Ta
V
DET
DET
DET(S)
DET
3
*
2
*
*1
*1.
Temperature change of the detection voltage
*2.
Specified detection voltage
*3.
Detection voltage temperature coefficient


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn