Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-80836CLMC-B6VT2X Datasheet(PDF) 27 Page - ABLIC Inc.

Part # S-80836CLMC-B6VT2X
Description  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-80836CLMC-B6VT2X Datasheet(HTML) 27 Page - ABLIC Inc.

Back Button S-80836CLMC-B6VT2X Datasheet HTML 23Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 24Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 25Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 26Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 27Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 28Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 29Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 30Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 31Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
S-808xxC Series
27
Electrical Characteristics for Customized Products
1. S-80824KNUA-D2BT2x, S-80824KNY-n2-U
Table 18
(Ta
 25 C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
circuit
Detection voltage
*1
VDET
2.295
2.400
*2
2.505
V
1
Release voltage
VDET
4.300
4.400
4.500
V
1
Current consumption
ISS
VDD6.0 V
0.8
2.4
A
2
Operating voltage
VDD
0.95
10.0
V
1
Output current
IOUT
Output transistor,
Nch, VDS  0.5 V
VDD  0.95 V
0.03
0.24
mA
3
VDD  1.2 V
0.23
0.50
mA
3
Leakage current
ILEAK
Output transistor,
Nch, VDD  10.0 V, VDS  10.0 V
0.1
A
3
Response time
tPLH
60
s
1
Detection voltage
temperature
coefficient
*3
DET
DET
V
Ta
V
Ta
 40 to 85 °C
100
350
ppm/°C
1
*1.
VDET: Actual detection voltage value
*2. Specified detection voltage value (
VDET(S))
*3. The temperature change of the detection voltage [mV/°C] is calculated by using the following equation.



 1000
C
ppm/
V
Ta
V
V
Typ.
V
C
mV/
Ta
V
DET
DET
DET(S)
DET
3
*
2
*
*1
*1. Temperature change of the detection voltage
*2. Specified detection voltage
*3. Detection voltage temperature coefficient


Similar Part No. - S-80836CLMC-B6VT2X

ManufacturerPart #DatasheetDescription
Seiko Instruments Inc
Seiko Instruments Inc
S-80836CLMC-B6VT2G SII-S-80836CLMC-B6VT2G Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
More results

Similar Description - S-80836CLMC-B6VT2X

ManufacturerPart #DatasheetDescription
Seiko Instruments Inc
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-1000 SII-S-1000 Datasheet
494Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
ABLIC Inc.
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
Seiko Instruments Inc
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
SHANGHAI BELLING CO., LTD.
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
Leshan Radio Company
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
ACE Technology Co., LTD.
ACE Technology Co., LTD...
ACE301A ACE-ACE301A Datasheet
412Kb / 7P
   Ultra-Small High-Precision Low Voltage Detector
VER 1.1
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com