Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-80836CLMC-B6VT2X Datasheet(PDF) 25 Page - ABLIC Inc.

Part No. S-80836CLMC-B6VT2X
Description  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-80836CLMC-B6VT2X Datasheet(HTML) 25 Page - ABLIC Inc.

Back Button S-80836CLMC-B6VT2X Datasheet HTML 21Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 22Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 23Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 24Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 25Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 26Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 27Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 28Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 29Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
S-808xxC Series
25
2-3. Temperature Characteristics of Hysteresis Voltage
The temperature change of the hysteresis voltage is expressed as
Ta
V
Ta
V
DET
DET
and is calculated
as follows:
Ta
V
V
V
Ta
V
Ta
V
DET
DET
HYS
DET
DET
Standard Circuit
VDD
OUT
VSS
R
*1
100 k
*1.
R is unnecessary for CMOS output products.
Figure 20
Caution The above connection diagram and constants do not guarantee correct operation. Perform
sufficient evaluation using the actual application to set the constants.
Technical Terms
1. Detection Voltage (
VDET), Release Voltage (VDET)
The detection voltage (
VDET) is a voltage at which the output turns to low. The detection voltage varies slightly
among products of the same specification. The variation of detection voltage between the specified minimum
(
VDET) Min. and the maximum (VDET) Max. is called the detection voltage range (Refer to Figure 21).
Example: For the S-80815CN, the detection voltage lies in the range of 1.470
(VDET)1.530.
This means that some S-80815CNs have 1.470 V for
VDET and some have 1.530 V.
The release voltage (
VDET) is a voltage at which the output turns to high. The release voltage varies slightly
among products of the same specification. The variation of release voltages between the specified
minimum (
VDET) Min. and the maximum (VDET) Max. is called the release voltage range (Refer to Figure
22
). The range is calculed from the actual detection voltage (
VDET) of a product and is expressed by
VDET1.03VDETVDET 1.08.
Example: For the S-80815CN, the release voltage lies in the range of 1.514
(VDET)1.652.
This means that some S-80815CNs have 1.514 V for
VDET and some have 1.652 V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn