![]() |
Electronic Components Datasheet Search |
|
S-80836CLMC-B6VT2X Datasheet(PDF) 23 Page - ABLIC Inc. |
|
S-80836CLMC-B6VT2X Datasheet(HTML) 23 Page - ABLIC Inc. |
23 / 56 page ![]() SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR Rev.6.2_02 S-808xxC Series 23 Operation 1. Basic Operation: CMOS Output (Active Low) 1-1. When the power supply voltage (VDD) is higher than the release voltage (VDET), the Nch transistor is OFF and the Pch transistor is ON to provide VDD (high) at the output. Since the Nch transistor N1 in Figure 17 is OFF, the comparator input voltage is C B A DD C B R R R V ) R R ( . 1-2. When the VDD goes below VDET, the output provides the VDD level, as long as the VDD remains above the detection voltage VDET. When the VDD falls below VDET (point A in Figure 18), the Nch transistor becomes ON, the Pch transistor becomes OFF, and the VSS level appears at the output. At this time the Nch transistor N1 in Figure 17 becomes ON, the comparator input voltage is changed to B A DD B R R V R . 1-3. When the VDD falls below the minimum operating voltage, the output becomes undefined, or goes to the VDD when the output is pulled up to the VDD. 1-4. The VSS level appears when the VDD rises above the minimum operating voltage. The VSS level still appears even when the VDD surpasses VDET, as long as it does not exceed the release voltage VDET. 1-5. When the VDD rises above VDET (point B in Figure 18), the Nch transistor becomes OFF and the Pch transistor becomes ON to provide VDD level at the output. VREF Pch Nch N1 RC RB RA OUT VSS VDD *1 *1 *1 *1. Parasiteic diode Figure 17 Operation 1 |
|