Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-80836CLMC-B6VT2X Datasheet(PDF) 17 Page - ABLIC Inc.

Part No. S-80836CLMC-B6VT2X
Description  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-80836CLMC-B6VT2X Datasheet(HTML) 17 Page - ABLIC Inc.

Back Button S-80836CLMC-B6VT2X Datasheet HTML 13Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 14Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 15Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 16Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 17Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 18Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 19Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 20Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 21Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
S-808xxC Series
17
Electrical Characteristics
1. Nch Open-drain Output Products
1-1. Detection Voltage Typ.1.4 V or Less Products
Table 14
(Ta
 25 C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
circuit
Detection voltage
*1
VDET
VDET(S)
0.98
VDET(S) VDET(S)
1.02
V
1
Release voltage
VDET
S-80808
0.802
0.834
0.867
V
1
S-80809
0.910
0.944
0.979
V
1
S-80810
1.017
1.054
1.091
V
1
S-80811
1.125
1.164
1.203
V
1
S-80812
1.232
1.273
1.315
V
1
S-80813
1.340
1.383
1.427
V
1
S-80814
1.448
1.493
1.538
V
1
Hysteresis width
VHYS
S-80808
0.018
0.034
0.051
V
1
S-80809
0.028
0.044
0.061
V
1
S-80810
0.037
0.054
0.071
V
1
S-80811
0.047
0.064
0.081
V
1
S-80812
0.056
0.073
0.091
V
1
S-80813
0.066
0.083
0.101
V
1
S-80814
0.076
0.093
0.110
V
1
Current consumption
ISS
VDD  1.5 V S-80808 to 09
1.3
3.5
A
2
VDD  2.0 V S-80810 to 14
1.3
3.5
A
2
Operating voltage
VDD
0.65
5.0
V
1
Output current
IOUT
Output transistor,
Nch, VDS  0.5 V, VDD  0.7 V
0.04
0.2
mA
3
Leakage current
ILEAK
Output transistor,
Nch, VDS  5.0 V, VDD  5.0 V
60
nA
3
Response time
tPLH
60
s
1
Detection voltage
temperature
coefficient
*2
DET
DET
V
Ta
V
Ta
 40 to 85 C
100
350
ppm/
C
1
*1.
VDET: Actual detection voltage value, VDET(S): Specified detection voltage value (The center value of the
detection voltage range in Table 1 to 2.)
*2. The temperature change of the detection voltage [mV/°C] is calculated by using the following equation.



 1000
C
ppm/
V
Ta
V
V
Typ.
V
C
mV/
Ta
V
DET
DET
DET(S)
DET
3
*
2
*
*1
*1.
Temperature change of the detection voltage
*2.
Specified detection voltage
*3.
Detection voltage temperature coefficient


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn