Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-80836CLMC-B6VT2X Datasheet(PDF) 16 Page - ABLIC Inc.

Part No. S-80836CLMC-B6VT2X
Description  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-80836CLMC-B6VT2X Datasheet(HTML) 16 Page - ABLIC Inc.

Back Button S-80836CLMC-B6VT2X Datasheet HTML 12Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 13Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 14Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 15Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 16Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 17Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 18Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 19Page - ABLIC Inc. S-80836CLMC-B6VT2X Datasheet HTML 20Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808xxC Series
Rev.6.2_02
16
2. Detection Voltage Typ. 1.5 V or More Products
Table 13
(Ta
 25 C unless otherwise specified)
Item
Symbol
Absolute maximum ratings
Unit
Power supply voltage
VDDVSS
12
V
Output voltage
Nch open-drain output products
VOUT
VSS0.3 to VSS12
V
CMOS output products
VSS0.3 to VDD0.3
V
Output current
IOUT
50
mA
Power
dissipation
SC-82AB
PD
150 (When not mounted on board)
mW
350
*1
mW
SOT-23-5
250 (When not mounted on board)
mW
600
*1
mW
SOT-89-3
500 (When not mounted on board)
mW
1000
*1
mW
SNT-4A
140 (When not mounted on board)
mW
300
*1
mW
TO-92
400 (When not mounted on board)
mW
800
*1
mW
Operating ambient temperature
Topr
40 to 85
C
Storage temperature
Tstg
40 to 125
C
*1. When mounted on board
[Mounted board]
(1) Board size: 114.3 mm
 76.2 mm  t1.6 mm
(2) Board name: JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
800
400
0
Ambient Temperature Ta (
C)
1000
600
200
1200
SNT-4A
SC-82AB
SOT-23-5
SOT-89-3
TO-92
Figure 10 Power Dissipation of Package (When Mounted on Board)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn