![]() |
Electronic Components Datasheet Search |
|
S-80836CLMC-B6VT2X Datasheet(PDF) 10 Page - ABLIC Inc. |
|
S-80836CLMC-B6VT2X Datasheet(HTML) 10 Page - ABLIC Inc. |
10 / 56 page ![]() SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR S-808xxC Series Rev.6.2_02 10 Table 3 (2/2) Detection voltage range Hysteresis width (Typ.) SC-82AB SOT-23-5 SOT-89-3 5.2 V 2.0 % 0.260 V S-80852CLNB-B7DT2x S-80852CLMC-B7DT2x S-80852CLUA-B7DT2x 5.3 V 2.0 % 0.265 V S-80853CLNB-B7ET2x S-80853CLMC-B7ET2x S-80853CLUA-B7ET2x 5.4 V 2.0 % 0.270 V S-80854CLNB-B7FT2x S-80854CLMC-B7FT2x S-80854CLUA-B7FT2x 5.5 V 2.0 % 0.275 V S-80855CLNB-B7GT2x S-80855CLMC-B7GT2x S-80855CLUA-B7GT2x 5.6 V 2.0 % 0.280 V S-80856CLNB-B7HT2x S-80856CLMC-B7HT2x S-80856CLUA-B7HT2x 5.7 V 2.0 % 0.285 V S-80857CLNB-B7IT2x S-80857CLMC-B7IT2x S-80857CLUA-B7IT2x 5.8 V 2.0 % 0.290 V S-80858CLNB-B7JT2x S-80858CLMC-B7JT2x S-80858CLUA-B7JT2x 5.9 V 2.0 % 0.295 V S-80859CLNB-B7KT2x S-80859CLMC-B7KT2x S-80859CLUA-B7KT2x 6.0 V 2.0 % 0.300 V S-80860CLNB-B7LT2x S-80860CLMC-B7LT2x S-80860CLUA-B7LT2x *1. Describes the release voltage. *2. Refer to the Table 19 in “ Electricala Characteristics for Customized Products” for electrical characteristics. Remark 1. x: G or U 2. Please select products of environmental code = U for Sn 100%, halogen-free products. Table 4 (1/2) Detection voltage range Hysteresis width (Typ.) SNT-4A TO-92 *1 0.8 V 2.0 % 0.034 V S-80808CLPF-B7MTFU 0.9 V 2.0 % 0.044 V S-80809CLPF-B7NTFU 1.0 V 2.0 % 0.054 V S-80810CLPF-B7OTFU 1.1 V 2.0 % 0.064 V S-80811CLPF-B7PTFU 1.2 V 2.0 % 0.073 V S-80812CLPF-B7QTFU 1.3 V 2.0 % 0.083 V S-80813CLPF-B7RTFU 1.4 V 2.0 % 0.093 V S-80814CLPF-B7STFU 1.5 V 2.0 % 0.075 V S-80815CLPF-B6ATFU S-80815CLY-n2-U 1.6 V 2.0 % 0.080 V S-80816CLPF-B6BTFU S-80816CLY-n2-U 1.7 V 2.0 % 0.085 V S-80817CLPF-B6CTFU S-80817CLY-n2-U 1.8 V 2.0 % 0.090 V S-80818CLPF-B6DTFU S-80818CLY-n2-U 1.9 V 2.0 % 0.095 V S-80819CLPF-B6ETFU S-80819CLY-n2-U 2.0 V 2.0 % 0.100 V S-80820CLPF-B6FTFU S-80820CLY-n2-U 2.1 V 2.0 % 0.105 V S-80821CLPF-B6GTFU S-80821CLY-n2-U 2.2 V 2.0 % 0.110 V S-80822CLPF-B6HTFU S-80822CLY-n2-U 2.3 V 2.0 % 0.115 V S-80823CLPF-B6ITFU S-80823CLY-n2-U 2.4 V 2.0 % 0.120 V S-80824CLPF-B6JTFU S-80824CLY-n2-U 2.5 V 2.0 % 0.125 V S-80825CLPF-B6KTFU S-80825CLY-n2-U 2.6 V 2.0 % 0.130 V S-80826CLPF-B6LTFU S-80826CLY-n2-U 2.7 V 2.0 % 0.135 V S-80827CLPF-B6MTFU S-80827CLY-n2-U 2.8 V 2.0 % 0.140 V S-80828CLPF-B6NTFU S-80828CLY-n2-U 2.9 V 2.0 % 0.145 V S-80829CLPF-B6OTFU S-80829CLY-n2-U 3.0 V 2.0 % 0.150 V S-80830CLPF-B6PTFU S-80830CLY-n2-U 3.1 V 2.0 % 0.155 V S-80831CLPF-B6QTFU S-80831CLY-n2-U 3.2 V 2.0 % 0.160 V S-80832CLPF-B6RTFU S-80832CLY-n2-U 3.3 V 2.0 % 0.165 V S-80833CLPF-B6STFU S-80833CLY-n2-U 3.4 V 2.0 % 0.170 V S-80834CLPF-B6TTFU S-80834CLY-n2-U 3.5 V 2.0 % 0.175 V S-80835CLPF-B6UTFU S-80835CLY-n2-U 3.6 V 2.0 % 0.180 V S-80836CLPF-B6VTFU S-80836CLY-n2-U 3.7 V 2.0 % 0.185 V S-80837CLPF-B6WTFU S-80837CLY-n2-U 3.8 V 2.0 % 0.190 V S-80838CLPF-B6XTFU S-80838CLY-n2-U |
|