![]() |
Electronic Components Datasheet Search |
|
S-80836CLMC-B6VT2X Datasheet(PDF) 6 Page - ABLIC Inc. |
|
S-80836CLMC-B6VT2X Datasheet(HTML) 6 Page - ABLIC Inc. |
6 / 56 page ![]() SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR S-808xxC Series Rev.6.2_02 6 Table 1 (2/2) Detection voltage range Hysteresis width (Typ.) SC-82AB SOT-23-5 SOT-89-3 4.0 V 2.0 % 0.200 V S-80840CNNB-B8ZT2x S-80840CNMC-B8ZT2x S-80840CNUA-B8ZT2x 4.1 V 2.0 % 0.205 V S-80841CNNB-B82T2x S-80841CNMC-B82T2x S-80841CNUA-B82T2x 4.2 V 2.0 % 0.210 V S-80842CNNB-B83T2x S-80842CNMC-B83T2x S-80842CNUA-B83T2x 4.3 V 2.0 % 0.215 V S-80843CNNB-B84T2x S-80843CNMC-B84T2x S-80843CNUA-B84T2x 4.4 V 2.0 % 0.220 V S-80844CNNB-B85T2x S-80844CNMC-B85T2x S-80844CNUA-B85T2x 4.5 V 2.0 % 0.225 V S-80845CNNB-B86T2x S-80845CNMC-B86T2x S-80845CNUA-B86T2x 4.6 V 2.0 % 0.230 V S-80846CNNB-B87T2x S-80846CNMC-B87T2x S-80846CNUA-B87T2x 4.6 V 0.10 V 0.10 V max. S-80846KNUA-D2CT2x* 3 4.7 V 2.0 % 0.235 V S-80847CNNB-B88T2x S-80847CNMC-B88T2x S-80847CNUA-B88T2x 4.8 V 2.0 % 0.240 V S-80848CNNB-B89T2x S-80848CNMC-B89T2x S-80848CNUA-B89T2x 4.9 V 2.0 % 0.245 V S-80849CNNB-B9AT2x S-80849CNMC-B9AT2x S-80849CNUA-B9AT2x 5.0 V 2.0 % 0.250 V S-80850CNNB-B9BT2x S-80850CNMC-B9BT2x S-80850CNUA-B9BT2x 5.1 V 2.0 % 0.255 V S-80851CNNB-B9CT2x S-80851CNMC-B9CT2x S-80851CNUA-B9CT2x 5.2 V 2.0 % 0.260 V S-80852CNNB-B9DT2x S-80852CNMC-B9DT2x S-80852CNUA-B9DT2x 5.3 V 2.0 % 0.265 V S-80853CNNB-B9ET2x S-80853CNMC-B9ET2x S-80853CNUA-B9ET2x 5.4 V 2.0 % 0.270 V S-80854CNNB-B9FT2x S-80854CNMC-B9FT2x S-80854CNUA-B9FT2x 5.5 V 2.0 % 0.275 V S-80855CNNB-B9GT2x S-80855CNMC-B9GT2x S-80855CNUA-B9GT2x 5.6 V 2.0 % 0.280 V S-80856CNNB-B9HT2x S-80856CNMC-B9HT2x S-80856CNUA-B9HT2x 5.7 V 2.0 % 0.285 V S-80857CNNB-B9IT2x S-80857CNMC-B9IT2x S-80857CNUA-B9IT2x 5.8 V 2.0 % 0.290 V S-80858CNNB-B9JT2x S-80858CNMC-B9JT2x S-80858CNUA-B9JT2x 5.9 V 2.0 % 0.295 V S-80859CNNB-B9KT2x S-80859CNMC-B9KT2x S-80859CNUA-B9KT2x 6.0 V 2.0 % 0.300 V S-80860CNNB-B9LT2x S-80860CNMC-B9LT2x S-80860CNUA-B9LT2x *1. Describes the release voltage. *2. Refer to the Table 18 in “ Electricala Characteristics for Customized Products” for electrical characteristics. *3. Refer to the Table 20 in “ Electricala Characteristics for Customized Products” for electrical characteristics Remark 1. x: G or U 2. Please select products of environmental code = U for Sn 100%, halogen-free products. |
|